Electronic Components Datasheet Search
  English  ▼

X  

DC2CU05L Datasheet(PDF) 15 Page - Altech corporation

Part # DC2CU05L
Description  Miniature Molded Case Circuit Breakers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

DC2CU05L Datasheet(HTML) 15 Page - Altech corporation

Back Button DC2CU05L Datasheet HTML 8Page - Altech corporation DC2CU05L Datasheet HTML 9Page - Altech corporation DC2CU05L Datasheet HTML 10Page - Altech corporation DC2CU05L Datasheet HTML 11Page - Altech corporation DC2CU05L Datasheet HTML 12Page - Altech corporation DC2CU05L Datasheet HTML 13Page - Altech corporation DC2CU05L Datasheet HTML 14Page - Altech corporation DC2CU05L Datasheet HTML 15Page - Altech corporation DC2CU05L Datasheet HTML 16Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
64
ConfigurationandAssemblyofUL489Busbars
UL489 Busbars are available in 3 different Pin Configurations per Phase, (6, 12 and 18 Pins).
The UL489 busbar cannot be cut, since the creepage and clearance distance requirements from UL are too
stringent. Therefore, to obtain the desired No. of Pins, Busbar-Pins can be overlapped as explained below:
1) Busbars are overlapped backwards to each other. Both Pins of each Busbar fit together
in the terminals of the Minature Circuit Breaker.
2
The Number of overlapping Pins of 2 Busbar must be a multiplier of the Number of
Phases to keep existing Phase sequence. (Can be overlapped by more than the number
of phases).
3) Any available combination of the 3 different Pin configurations is possible.
4) In most cases there is more than 1 combination possible.
5) For more possible configurations see Busbar Selection Table on page 21.
ConfigurationExamples*
*For Questions, other configurations and detailed information please contact Altech Corp.
AltechBusbarSystems
3P16UL
3/18
3P16UL
3/18
3P16UL
3/12
3P16UL
3/18
3P16UL
3/12
27 Pins: 1 x 3P16UL3/12 + 1 x 3P16UL3/18
39 Pins: 1 x 3P16UL3/12 + 2 x 3P16UL3/18
2P16UL
3/18
2P16UL
3/12
2P16UL
3/12
2P16UL
3/12
2P16UL
3/12
22 Pins: 2 x 2P16UL3/12
36 Pins: 2 x 2P16UL3/12 + 1 x 2P16UL3/18
1P16UL
3/18
1P16UL
3/12
1P16UL
3/6
1P16UL
3/6
1P16UL
3/6
16 Pins: 3 x 1P16UL3/6
29 Pins: 1 x 1P16UL3/12 + 1 x 1P16UL3/18
1 Phase
2 Phase
3 Phase
MCBs_2013_UsethisOne.QXD_CircuitBreakers_2006(togo3).QXD 11/14/13 10:51 AM Page 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com