Electronic Components Datasheet Search
  English  ▼

X  

6MBP20RH060 Datasheet(PDF) 2 Page - Fuji Electric

Part # 6MBP20RH060
Description  IGBT-IPM(600V/20A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

6MBP20RH060 Datasheet(HTML) 2 Page - Fuji Electric

  6MBP20RH060 Datasheet HTML 1Page - Fuji Electric 6MBP20RH060 Datasheet HTML 2Page - Fuji Electric 6MBP20RH060 Datasheet HTML 3Page - Fuji Electric 6MBP20RH060 Datasheet HTML 4Page - Fuji Electric 6MBP20RH060 Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Min.
0.5
–
–
Symbol
ton
toff
trr
Unit
µs
µs
µs
IGBT Modules
6MBP20RH060
q Switching characteristics (Tc=Tj=25˚C, Vcc=15V)
Item
Condition
Ic=20A, VDC=300V
Inductive-Load
Max.
–
3.5
0.5
Typ.
–
–
–
Switching time (IGBT) See Fig. 3
Switching time (FWD)
Fig.1 Definition of OC delay time
Fig.2 Definition of tsc
Fig.3 Definition of switching time
DC bus voltage
Operating power supply voltage range of pre-drive
Switching frequency
Flatness of heat sink
Mounting screw torque (M4)
Junction to case thermal resistance
Case to fin thermal resistance with compound
Item
Symbol
Rth (j-c)
Rth (j-c)
Rth (c-f)
Max.
2.0
3.6
–
Unit
˚C/W
˚C/W
˚C/W
Typ.
–
–
0.05
q Thermal characteristics (Tc=Tj=25˚C, Vcc=15V)
IGBT
FWD
Symbol
VDC
VCC
fsw
–
–
Item
Unit
V
V
kHz
µm
N • m
Typ.
–
15
–
–
–
Min.
200
13.5
1
–100
1.3
Max.
400
16.5
20
100
1.7
q Recommendable value
Min.
–
–
–
Power supply current of P-line pre-driver (one unit)
Power supply current of N-line pre-driver
Input signal threshold voltage
Input zener voltage
IGBT chips overheat protection temperature level
Hysteresis
Collector current protection level
OC detecting resistance value
Protection delay time
Undervoltage protection level
Hysteresis
Alarm signal hold time
mA
mA
V
V
V
˚C
˚C
A
mV
m
µs
V
V
ms
–
–
1.00
1.25
–
150
–
30
190
–
–
11.0
0.2
1.0
2.0
4.0
1.35
1.60
8.0
–
20
37
200
5.4
5.0
–
–
2.0
5.0
10.0
1.70
1.95
–
–
–
44
210
–
7.0
12.5
0.8
–
q Electrical characteristics of control circuit (Tc=Tj=25˚C, Vcc=15V)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
ICCP
ICCN
VIn (th)
VZ
TjoH
TjH
IOC
VOC
ROC
tDOC
VUV
VH
tALM
Vin=H
Vin=H
Turn-on
Turn-off
Rin=20k
Surface of IGBT
N-side, (N1-N2 open)
Between N1 and N2
Tj=25˚C Fig. 1, Fig. 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com