Electronic Components Datasheet Search
  English  ▼

X  

DC2DU6L Datasheet(PDF) 11 Page - Altech corporation

Part # DC2DU6L
Description  Miniature Molded Case Circuit Breakers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

DC2DU6L Datasheet(HTML) 11 Page - Altech corporation

Back Button DC2DU6L Datasheet HTML 7Page - Altech corporation DC2DU6L Datasheet HTML 8Page - Altech corporation DC2DU6L Datasheet HTML 9Page - Altech corporation DC2DU6L Datasheet HTML 10Page - Altech corporation DC2DU6L Datasheet HTML 11Page - Altech corporation DC2DU6L Datasheet HTML 12Page - Altech corporation DC2DU6L Datasheet HTML 13Page - Altech corporation DC2DU6L Datasheet HTML 14Page - Altech corporation DC2DU6L Datasheet HTML 15Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
UL489 recognized
E305318
18 x 17.6 = 299.2
(11.78 in.)
310.2 (12.21 in.)
15.5 mm
(0.61 in.)
1.5 mm
(0.06 in.)
max. 1.5 mm
(0.06 in.)
5 mm (0.20 in.)
17.6 mm (0.69 in.)
1P16UL
3/18
1P16UL
3/18
1P16UL
3/12
Example for different No. of Pins
eg. 44 pins use 1x 1P16UL3/12 + 2x 1P16UL3/18
Busbars backwards
to one another
overlapping
• No. of overlapping pins of 2 busbars must be a multiplier of the No. of phases
• Overlapping busbars are backwards to each other
L3/18
L3/18
L3/18
UL3/18
Type/
No.of
Length
Cat.No.
Pins
[mm]
1P16UL3/18
18
310.2
ACCESSORIES
Type/Cat.No:
P35ULT
P50ULB
BRUL(3perstrip)
Description:
Power Feed Lug
Modular Direct Power Feed
Insulation Cap
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
60
UL489 recognized
E305318
15.5 mm
(0.61 in.)
1.5 mm
(0.06 in.)
max. 1.5 mm
(0.06 in.)
5 mm (0.20 in.)
17.6 mm (0.69 in.)
6 x 17.6 = 88 mm
(3.46 in.)
99 mm (3.90 in.)
Type/
No.of
Length
Cat.No.
Pins
[mm]
1P16UL3/6
6
99
UL489 recognized
E305318
12 x 17.6 = 193.6 mm
(7.62 in.)
204.6 mm (8.06 in.)
15.5 mm
(0.61 in.)
1.5 mm
(0.06 in.)
max. 1.5 mm
(0.06 in.)
5 mm (0.20 in.)
17.6 mm (0.69 in.)
Type/
No.of
Length
Cat.No.
Pins
[mm]
1P16UL3/12
12
204.6
1PHASEBUSBAR
16mm2 for 115A
MCBs_2013_UsethisOne.QXD_CircuitBreakers_2006(togo3).QXD 11/14/13 10:51 AM Page 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com