Electronic Components Datasheet Search
  English  ▼

X  

DC2DU40L Datasheet(PDF) 2 Page - Altech corporation

Part # DC2DU40L
Description  Miniature Molded Case Circuit Breakers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

DC2DU40L Datasheet(HTML) 2 Page - Altech corporation

  DC2DU40L Datasheet HTML 1Page - Altech corporation DC2DU40L Datasheet HTML 2Page - Altech corporation DC2DU40L Datasheet HTML 3Page - Altech corporation DC2DU40L Datasheet HTML 4Page - Altech corporation DC2DU40L Datasheet HTML 5Page - Altech corporation DC2DU40L Datasheet HTML 6Page - Altech corporation DC2DU40L Datasheet HTML 7Page - Altech corporation DC2DU40L Datasheet HTML 8Page - Altech corporation DC2DU40L Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
L-Series
ACorDC
MiniatureMoldedCase
CircuitBreakers
ACVersionCurrent/VoltageRating
DCVersionCurrent/VoltageRating
CalibrationTemperature
OperatingTemperature
StorageTemperature
TerminalSizeAcceptability
andTorque
TerminalProtectionDegree
ElectricalLife
MechanicalLife
WireConnection
0.2-63A/240VAC,0.2-32A/480Y/277VAC*
0.2-63A/125/250VDC
40°C (104°F)
-25° to 60°C (-13° to 140°F)
-25° to 75°C (-13° to 167°F)
14-3 AWG: 17.5 lb-in. (2.0 Nm)
18-16 AWG: 25 lb-in. (2.8 Nm)
IP20
6000 cycles on/off
100000 cycles on/off
copper wire only 60/75°C
UL489 Listed
Circuit Breakers
• Available in AC and DC models
• DIN Rail Mounted
• 17.5mm width
• Thermal Magnetic
• 240V, 480Y/277V AC, 50/60Hz
• 125VDC (1 pole); 250VDC (2pole)
• 10kA Short Circuit
Interrupting Capacity
• Positive Trip indicator
(Green - off/tripped, Red - on)
• HACR Type 40°C
• Line/Load reversible
LISTED
Ac-shortcircuitiNterruptiNgrAtiNg
No.
Poles Type
0.2-32A
33-63A
1
AC
10kA@120, 240, 277V
10kA@120, 240V
2-4
AC
10kA@120, 240V, 480Y/277V
10kA@120, 240V
Dc-shortcircuitiNterruptiNgrAtiNg
No.
Poles Type
0.2-32A
33-63A
1
DC
10kA@125V
10kA@125V
2
DC
10kA@250V
10kA@250V
E305318
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
51
*
Onedevicedualvoltageratings.
MCBs_2013_UsethisOne.QXD_CircuitBreakers_2006(togo3).QXD 11/14/13 10:51 AM Page 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com