Electronic Components Datasheet Search
  English  ▼

X  

SF2037B Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # SF2037B
Description  76.500 MHz SAW Resonator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2037B Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  SF2037B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2037B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2037B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2037B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2037B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SF2037B Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SF2037B Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
76.500 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF2037B-082905
Matching Circuit and Matching Component Values Used in G3 Sirius Radios
(Refer to Sirius Radio G3 Chipset Application Note, Doc. #RX000104-B, Sec. 4.2.4)
Reference Designator
Value
C9
10 pF
C10
10 pF
L5
270 nH
L6
390 nH
C11
100 pF
C12
100 pF
COFDM Narrowband SAW Matching Values
COFDM Narrowband SAW Matching Circuit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com