Electronic Components Datasheet Search
  English  ▼

X  

LM4985 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM4985
Description  LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4985 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM4985 Datasheet HTML 17Page - Texas Instruments LM4985 Datasheet HTML 18Page - Texas Instruments LM4985 Datasheet HTML 19Page - Texas Instruments LM4985 Datasheet HTML 20Page - Texas Instruments LM4985 Datasheet HTML 21Page - Texas Instruments LM4985 Datasheet HTML 22Page - Texas Instruments LM4985 Datasheet HTML 23Page - Texas Instruments LM4985 Datasheet HTML 24Page - Texas Instruments LM4985 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
3
6
30
12
24
21
18
15
27
9
0
VOLUME STEPS
30
-80
-50
-60
-30
-10
10
20
0
-20
-40
-70
3
6
30
12
24
21
18
15
27
9
0
VOLUME STEPS
30
-80
-50
-60
-30
-10
10
20
0
-20
-40
-70
3
6
30
12
24
21
18
15
27
9
0
VOLUME STEPS
30
-80
-50
-60
-30
-10
10
20
0
-20
-40
-70
3
6
30
12
24
21
18
15
27
9
0
VOLUME STEPS
30
-80
-50
-60
-30
-10
10
20
0
-20
-40
-70
2.3
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
SUPPLY VOLTAGE (V)
2.3
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
SUPPLY VOLTAGE (V)
LM4985, LM4985TMEVAL
www.ti.com
SNAS346B – MAY 2006 – REVISED MAY 2006
Typical Performance Characteristics (continued)
TA = 25°C, AV = 0dB, fIN = 1kHz unless otherwise stated.
Supply Current vs Supply Voltage
Supply Current vs Supply Voltage
RL = 16Ω, OCL
RL = 32Ω, OCL
Figure 71.
Figure 72.
Gain vs Volume Steps
Gain vs Volume Steps
VCC = 2.5V, RL = 16Ω, OCL
VCC = 3.6V, RL = 16Ω, OCL
Figure 73.
Figure 74.
Gain vs Volume Steps
Gain vs Volume Steps
VCC = 5V, RL = 16Ω, OCL
VCC = 2.5V, RL = 16Ω, C-CUPL
Figure 75.
Figure 76.
Copyright © 2006, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM4985 LM4985TMEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com