Electronic Components Datasheet Search
  English  ▼

X  

F110 Datasheet(PDF) 1 Page - Fox Electronics

Part # F110
Description  HCMOS 2.0x1.6mm 1.8V SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F110 Datasheet(HTML) 1 Page - Fox Electronics

  F110 Datasheet HTML 1Page - Fox Electronics F110 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.com
EMEA Tel: +44 .11283.568153 | Canada +1.888.438.2369 | Asia Hong Kong Tel: +852.2854.4285 | Japan Tel: +81.3.3374.2079
© 2011 FOX ELECTRONICS | ISO9001:2008 Certified
FEATURES
• 1.8V Operation
• Standby Function
• Tape and Reel (3,000 pcs. STD)
Frequency
Stability
±100PPM1
±100PPM1
±50PPM1
±50PPM1
±25PPM2
Operating
Temperature (ºC)
-20 ~ +70
-40 ~ +85
-20 ~ +70
-40 ~ +85
-10 ~ +60
Frequency
Range (MHz)
1.000 ~ 80.000
1.000 ~ 80.000
1.000 ~ 80.000
1.000 ~ 80.000
1.000 ~ 80.000
F110
F110R
F115
F115R
F116
1.000~ 80.000 MHz
-40ºC ~ +85ºC
1.8V ± 10%
5mA
10mA
15mA
45% ~ 55%
6nS
6nS
10% Vdd
90% Vdd Min
4mA Min
-4mA Min
15pF
10µA
5mS
50uS
5mS
260ºC / 10 Seconds
1
Au over Ni
PARAMETERS
Frequency Range
(Fo)
Storage Temperature Range (Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
1.000000 ~ 40.000000 MHz
40.000001 ~ 60.000000 MHz
60.000001 ~ 80.000000 MHz
Output Symmetry (50% Vdd)
Rise Time (10% ~ 90% Vdd)
Fall Time (90% ~ 10% Vdd)
Output Voltage
(Vol)
(Voh)
Output Current
(Iol)
(Ioh)
Output Load
(HCMOS)
Standby Current
Start-up Time
(Ts)
Output Disable Time 3
Output Enable Time 3
Maximum Soldering Temp / Time
Moisture Sensitivity Level (MSL)
Termination Finish
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change,
reflow freq. shift and one year aging.
2 Inclusive of 25ºC tolerance and operating temperature range.
3 An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Notes: A 0.01µF capacitor should be placed between Vdd (Pin 4) and GND (Pin2) to minimize
power supply noise.
Dimensional drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may
vary.
All specifications subject to change without notice.
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• EnAbLE / DISAbLE FUnCTIOn
Pin 1
OPEN3
'1' Level Vih
≥ 70% Vdd
'0' Level Vil
≤ 30% Vdd
Model
Number
Part Number
836-Frequency-xxxxx
836A-Frequency-xxxxx
836B-Frequency-xxxxx
836C-Frequency-xxxxx
836D-Frequency-xxxxx
• PART nUMbER SELECTIOn Learn More - Internet Required
HCMOS 2.0x1.6mm 1.8V SMD Oscillator
Rev. 3/9/2011
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F110 SERIES
Page 1 of 2
#1
#2
#4
#3
#1
#2
#4
#3
2.1 M ax
1.7 M ax
0.8 M ax
0.5
0.5
0.6
0.7
0.65
0.75
0.35
0.55
Recom m ended
Solder Pad Layout
Top View
Bottom
View
Dot denotes
pin1.
Pin Connection
#1 E/D
#3 Output
#2 GND
#4 Vdd
All dimensions are in millimeters.


Similar Part No. - F110

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
F110 SYSTEMSENSOR-F110 Datasheet
198Kb / 2P
200 Series Intelligent Low-Profile Plug-In Detectors
logo
Integrated Device Techn...
F1100 IDT-F1100 Datasheet
956Kb / 17P
RF to IF Dual Downconverting Mixer
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
RF to IF Dual Downconverting Mixer
F1100 RENESAS-F1100 Datasheet
4Mb / 22P
This document describes the specifications for the IDTF1178 Zero-DistortionTM RF to IF Downconverting Dual Mixer.
December 2014
F1100 RENESAS-F1100 Datasheet
3Mb / 27P
RF to IF Dual Downconverting Mixer
Rev1, July 2012
More results

Similar Description - F110

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4500 FOX-F4500 Datasheet
202Kb / 2P
HCMOS, 7.5x5mm, 1.8V, SMD Oscillator
F310 FOX-F310 Datasheet
206Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F130 FOX-F130 Datasheet
492Kb / 2P
HCMOS 2.0x1.6mm 3.3V SMD Oscillator
F140 FOX-F140 Datasheet
491Kb / 2P
HCMOS 2.0x1.6mm 2.5V SMD Oscillator
F135-25 FOX-F135-25 Datasheet
492Kb / 2P
HCMOS 2.0x1.6mm 3.3V SMD Oscillator
F316R-12.000 FOX-F316R-12.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-20.000 FOX-F316R-20.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-24.000 FOX-F316R-24.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-48.000 FOX-F316R-48.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
O1HS FOX-O1HS Datasheet
306Kb / 6P
HCMOS 2.0x1.6mm SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com