Electronic Components Datasheet Search
  English  ▼

X  

F140 Datasheet(PDF) 1 Page - Fox Electronics

Part # F140
Description  HCMOS 2.0x1.6mm 2.5V SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F140 Datasheet(HTML) 1 Page - Fox Electronics

  F140 Datasheet HTML 1Page - Fox Electronics F140 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.com
EMEA Tel: +44 .11283.568153 | Canada +1.888.438.2369 | Asia Hong Kong Tel: +852.2854.4285 | Japan Tel: +81.3.3374.2079
© 2011 FOX ELECTRONICS | ISO9001:2008 Certified
FEATURES
• 2.5V Operation
• Standby Function
• Tape and Reel (3,000 pcs. STD)
Frequency
Stability
±100PPM1
±100PPM1
±50PPM1
±50PPM1
±25PPM2
Operating
Temperature (ºC)
-20 ~ +70
-40 ~ +85
-20 ~ +70
-40 ~ +85
-10 ~ +60
Frequency
Range (MHz)
1.000 ~ 80.000
1.000 ~ 80.000
1.000 ~ 80.000
1.000 ~ 80.000
1.000 ~ 80.000
F140
F140R
F145
F145R
F146
1.000~ 80.000 MHz
-40ºC ~ +85ºC
2.5V ± 10%
5mA
10mA
15mA
45% ~ 55%
6nS
6nS
10% Vdd
90% Vdd Min
4mA Min
-4mA Min
15pF
10µA
3mS
50uS
3mS
260ºC ±5ºC / 5 Seconds
1
Au over Ni
PARAMETERS
Frequency Range
(Fo)
Storage Temperature Range (Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
1.000000 ~ 40.000000 MHz
40.000001 ~ 60.000000 MHz
60.000001 ~ 80.000000 MHz
Output Symmetry (50% Vdd)
Rise Time (10% ~ 90% Vdd)
Fall Time (90% ~ 10% Vdd)
Output Voltage
(Vol)
(Voh)
Output Current
(Iol)
(Ioh)
Output Load
(HCMOS)
Standby Current
Start-up Time
(Ts)
Output Disable Time 3
Output Enable Time 3
Maximum Soldering Temp / Time
Moisture Sensitivity Level (MSL)
Termination Finish
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change,
reflow freq. shift and one year aging.
2 Inclusive of 25ºC tolerance and operating temperature range.
3 An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Notes: A 0.01µF capacitor should be placed between Vdd (Pin 4) and GND (Pin2) to minimize
power supply noise.
Dimensional drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may
vary.
All specifications subject to change without notice.
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• EnAbLE / DISAbLE FUnCTIOn
Pin 1
OPEN3
'1' Level Vih
≥ 70% Vdd
'0' Level Vil
≤ 30% Vdd
Model
Number
Part Number
838-Frequency-xxxxx
838A-Frequency-xxxxx
838B-Frequency-xxxxx
838C-Frequency-xxxxx
838D-Frequency-xxxxx
• PART nUMbER SELECTIOn Learn More - Internet Required
HCMOS 2.0x1.6mm 2.5V SMD Oscillator
Rev. 3/9/2011
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F140 SERIES
Page 1 of 2
#1
#2
#4
#3
#1
#2
#4
#3
2.1 M ax
1.7 M ax
0.8 M ax
0.5
0.5
0.6
0.7
0.65
0.75
0.35
0.55
Recom m ended
Solder Pad Layout
Top View
Bottom
View
Dot denotes
pin1.
Pin Connection
#1 E/D
#3 Output
#2 GND
#4 Vdd
All dimensions are in millimeters.


Similar Part No. - F140

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
F14004KW ALPHAWIRE-F14004KW Datasheet
411Kb / 4P
14 (105/34) AWG Bare Copper
F14004LW ALPHAWIRE-F14004LW Datasheet
411Kb / 4P
14 (105/34) AWG Bare Copper
F14004RW ALPHAWIRE-F14004RW Datasheet
411Kb / 4P
14 (105/34) AWG Bare Copper
F14005KW ALPHAWIRE-F14005KW Datasheet
412Kb / 4P
14 (105/34) AWG Bare Copper
F14005LW ALPHAWIRE-F14005LW Datasheet
412Kb / 4P
14 (105/34) AWG Bare Copper
More results

Similar Description - F140

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4400 FOX-F4400 Datasheet
202Kb / 2P
HCMOS, 7.5x5mm, 2.5V, SMD Oscillator
F547 FOX-F547 Datasheet
220Kb / 2P
HCMOS 5x3.2mm 2.5V SMD Oscillator
F340 FOX-F340 Datasheet
85Kb / 2P
HCMOS 3.2x2.5mm 2.5V SMD Oscillator
F110 FOX-F110 Datasheet
491Kb / 2P
HCMOS 2.0x1.6mm 1.8V SMD Oscillator
F130 FOX-F130 Datasheet
492Kb / 2P
HCMOS 2.0x1.6mm 3.3V SMD Oscillator
F240TS FOX-F240TS Datasheet
500Kb / 2P
HCMOS 2.5x2.0mm 2.5V SMD Oscillator
F547F549 FOX-F547F549 Datasheet
203Kb / 2P
HCMOS 5x3.2mm 2.5V SMD Oscillator
FK245 FOX-FK245 Datasheet
439Kb / 1P
HCMOS 2.5V 32.768kHz SMD Oscillator
F135-25 FOX-F135-25 Datasheet
492Kb / 2P
HCMOS 2.0x1.6mm 3.3V SMD Oscillator
O1HS FOX-O1HS Datasheet
306Kb / 6P
HCMOS 2.0x1.6mm SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com