Electronic Components Datasheet Search
  English  ▼

X  

F200 Datasheet(PDF) 1 Page - Fox Electronics

Part # F200
Description  HCMOS 2.5x2mm 1.0 V SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F200 Datasheet(HTML) 1 Page - Fox Electronics

  F200 Datasheet HTML 1Page - Fox Electronics F200 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.com
EMEA Tel: +44.11283.568153 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2010 FOX ELECTRONICS | ISO9001:2008 Certified
1.800 ~ 50.000 MHz
-55ºC ~ +125ºC
1.0V ± 5%
2.5mA
3.5mA
40% ~ 60%
5.0nS
3.5nS
5.0nS
3.5nS
20% Vdd
80% Vdd Min
2mA Min
-2mA Min
15pF
5µA
5mS
250nS
5mS
260ºC / 10 Seconds
1
Au
PARAMETERS
Frequency Range
(Fo)
Storage Temperature Range (Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
1.800 ~ 32.100 MHz
32.100+ ~ 50.000 MHz
Output Symmetry (50% Vdd)
Rise Time (20% ~ 80% Vdd)
1.800 ~ 32.100 MHz
32.100+ ~ 50.000 MHz
Fall Time (80% ~ 20% Vdd)
1.800 ~ 32.100 MHz
32.100+ ~ 50.000 MHz
Output Voltage
(Vol)
(Voh)
Output Current
(Iol)
(Ioh)
Output Load
(HCMOS)
Standby Current
Start-up Time
(Ts)
Output Disable Time 2
Output Enable Time 2
Maximum Soldering Temp / Time
Moisture Sensitivity Level (MSL)
Termination Finish
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, shock,
and vibration. *Excludes shock and vibration.
2 An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Notes:
*A 0.01µF capacitor should be placed between Vdd (Pin 4) and GND (Pin 2) to minimize power
supply noise.
*Dimensional drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may
vary. All specifications subject to change without notice.
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• EnAbLE / DISAbLE FunCTIOn
Pin 1
OPEN 2
'1' Level Vih
≥ 70% Vdd
'0' Level Vil
≤ 30% Vdd
HCMOS 2.5x2mm 1.0 V SMD Oscillator
Rev. 12/2/2010
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F200 SERIES
Page 1 of 2
Frequency
Stability1
±100PPM
±100PPM
±50PPM
±50PPM
±25PPM
±25PPM*
±20PPm*
Operating
Temperature (ºC)
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
Frequency
Range (MHz)
1.800 ~ 50.000
1.800 ~ 50.000
1.800 ~ 50.000
1.800 ~ 50.000
1.800 ~ 50.000
1.800 ~ 50.000
1.800 ~ 50.000
F200
F200R
F205
F205R
F206
F206R
F208
Model
Number
Part Number
823-Frequency-xxxxx
823A-Frequency-xxxxx
823B-Frequency-xxxxx
823C-Frequency-xxxxx
823D-Frequency-xxxxx
823E-Frequency-xxxxx
823F-Frequency-xxxxx
• PART nuMbER SELECTIOn Learn More - Internet Required
2 . 6 M a x
1 . 0 M a x
0 . 9 5
2 . 1 m a x
0 . 7 8
0 . 6 5
0 . 6 8
R e c om m e nde d
S olde r P a d L a y out
0 . 9
0 . 9 5
0 . 8
0 . 6 5
# 1
# 4
# 2
# 3
# 4
# 3
# 2
# 1
All dimensions are in millimeters.
P in C onne c tions
# 1 E /D
# 3 O utput
# 2 G N D
# 4 V DD
T op
V ie w
B ottom
V ie w
Dot de note s
pin 1 .


Similar Part No. - F200

ManufacturerPart #DatasheetDescription
logo
LEDTRONICS, INC
F200 LEDTRONICS-F200 Datasheet
4Mb / 28P
Miniature Based LED Lamps
logo
Chauvin Arnoux Metrix
F200 CHAUVINARNOUX-F200 Datasheet
1Mb / 8P
AC, DC and ACDC TRMS Clamp Multimeters
04/2019
logo
ABB
F200 ABB-F200 Datasheet
1Mb / 35P
Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
logo
OSRAM GmbH
F2000D OSRAM-F2000D Datasheet
212Kb / 6P
InGaAlP-High Brightness-Lumineszenzdiode (617nm, High Current and Flux), InGaAlP High Brightness LED (617nm, High Current and Flux)
logo
MicroPower Direct, LLC
F2000ERW MPD-F2000ERW Datasheet
225Kb / 2P
Low Cost, Compact 20W, 2:1 Input Range DC/DC Converters
More results

Similar Description - F200

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F240 FOX-F240 Datasheet
185Kb / 2P
HCMOS 2.5x2mm 2.5V Oscillator
F230 FOX-F230 Datasheet
185Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F210 FOX-F210 Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
F300 FOX-F300 Datasheet
202Kb / 2P
HCMOS 3.2x2.5mm 1.0 V SMD Oscillator
819A-10-1 FOX-819A-10-1 Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
F216R-24.000 FOX-F216R-24.000 Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
F235-16 FOX-F235-16 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F235-40 FOX-F235-40 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
O1HS FOX-O1HS Datasheet
306Kb / 6P
HCMOS 2.0x1.6mm SMD Oscillator
O7HH FOX-O7HH Datasheet
242Kb / 3P
HCMOS 7x5mm SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com