Electronic Components Datasheet Search
  English  ▼

X  

F339R Datasheet(PDF) 1 Page - Fox Electronics

Part # F339R
Description  HCMOS 3.2x2.5mm 3.3V SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F339R Datasheet(HTML) 1 Page - Fox Electronics

  F339R Datasheet HTML 1Page - Fox Electronics F339R Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.com
EMEA Tel: +44 .1283.568153 | Canada +1.888.438.2369 | Asia Hong Kong Tel: +852.2854.4285 | Japan Tel: +81.3.3374.2079
© 2011 FOX ELECTRONICS | ISO9001:2008 Certified
HCMOS 3.2x2.5mm 3.3V SMD Oscillator
Rev. 8/24/2011
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F337/F339 Series
Page 1 of 2
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• EnAblE / DiSAblE FunCtiOn
INH (Pin 1)
OPEN 2
'1' Level Vih
≥ 70% Vdd
'0' Level Vil
≤ 30% Vdd
FEAtuRES
• 3.3V Operation
• HCMOS Output
• Standby Function
• Tape and Reel (2,000 pcs. STD)
Frequency
Stability1
±15PPM
±15PPM
±10PPM
±10PPM
Operating
Temperature (ºC)
-20 ~ +70
-40 ~ +85
-20 ~ +70
-40 ~ +85
Frequency
Range (MHz)
4.000 ~ 54.000
4.000 ~ 54.000
4.000 ~ 54.000
4.000 ~ 54.000
F337F
F337R
F339F
F339R
Model
Number
Part Number
826B-Frequency-xxxxx
826C-Frequency-xxxxx
826-Frequency-xxxxx
826A-Frequency-xxxxx
• PARt nuMbER SElECtiOn Learn More - Internet Required
4.000 ~ 54.000 MHz
-40ºC ~ +85ºC
3.3V ± 5%
7mA
45% ~ 55%
5nS
5nS
10% Vdd
90% Vdd Min
4mA Min
-4mA Min
15pF
10µA
10mS
250nS
10mS
-145dBc/Hz Typ.
3pS RMS Typ.
260ºC / 10 Seconds
1
Au
PARAMETERS
Frequency Range
(Fo)
Storage Temperature Range (Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
Output Symmetry (50% Vdd)
Rise Time (10% ~ 90% Vdd)
Fall Time (90% ~ 10% Vdd)
Output Voltage
(Vol)
(Voh)
Output Current
(Iol)
(Ioh)
Output Load
(HCMOS)
Standby Current
(Istd)
Start-up Time
(Ts)
Output Disable Time 2
Output Enable Time 2
Phase Noise
(@ 10kHz offset)
Period Jitter
Reflow Soldering Temp / Time
Moisture Sensitivity Level (MSL)
Termination Finish
• ElECtRiCAl CHARACtERiStiCS
MAX (unless otherwise noted)
1 Inclusive of 25
ºC tolerance, operating temperature range, input voltage change, load change,
reflow and one year aging.
2 An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Note: A 0.01µF bypass capacitor should be placed between V
dd (Pin 4) and GND (Pin 2) to
minimize power supply line noise.
Drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may
vary. All specifications subject to change without notice.
Pin Connection
#1 E/D**
#3 Output
#2 GND
#4 Vdd
3.3 Max
1.0 Max
Solder Pad Layout
Recommended
2.6 Max
0.7
0.5
1.3
#1
#4
#3
#2
Top
View
Bottom
View
Dot denotes
Pin 1
All dimensions are in millimeters.
1.6
#1
TP
#2
#4
TP
#3
#1
TP = Test Point and is No Connect
1.0
1.6
0.8
1.3
MARKING


Similar Part No. - F339R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F339X121033ACA2W0 VISHAY-F339X121033ACA2W0 Datasheet
158Kb / 13P
Interference Suppression Film Capacitor - Class X1 Radial MKP 330 VAC - Standard Across the Line
30-Jun-15
F339X121033ACI2W0 VISHAY-F339X121033ACI2W0 Datasheet
158Kb / 13P
Interference Suppression Film Capacitor - Class X1 Radial MKP 330 VAC - Standard Across the Line
30-Jun-15
F339X121033ACM2W0 VISHAY-F339X121033ACM2W0 Datasheet
158Kb / 13P
Interference Suppression Film Capacitor - Class X1 Radial MKP 330 VAC - Standard Across the Line
30-Jun-15
F339X121033ACP2W0 VISHAY-F339X121033ACP2W0 Datasheet
158Kb / 13P
Interference Suppression Film Capacitor - Class X1 Radial MKP 330 VAC - Standard Across the Line
30-Jun-15
F339X121033ADA2W0 VISHAY-F339X121033ADA2W0 Datasheet
158Kb / 13P
Interference Suppression Film Capacitor - Class X1 Radial MKP 330 VAC - Standard Across the Line
30-Jun-15
More results

Similar Description - F339R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F330A FOX-F330A Datasheet
235Kb / 2P
HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F330 FOX-F330 Datasheet
102Kb / 2P
HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F337 FOX-F337 Datasheet
504Kb / 2P
HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F316R-12.000 FOX-F316R-12.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-12.288 FOX-F316R-12.288 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-20.000 FOX-F316R-20.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-24.000 FOX-F316R-24.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-48.000 FOX-F316R-48.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
O3HL FOX-O3HL Datasheet
242Kb / 3P
HCMOS 3.2x2.5mm SMD Oscillator
O3HS FOX-O3HS Datasheet
343Kb / 7P
HCMOS 3.2x2.5mm SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com