Electronic Components Datasheet Search
  English  ▼

X  

FTP301AH Datasheet(PDF) 2 Page - Fox Electronics

Part # FTP301AH
Description  OVEN-CONTROLLED, HCMOS, SMD, XO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FTP301AH Datasheet(HTML) 2 Page - Fox Electronics

  FTP301AH Datasheet HTML 1Page - Fox Electronics FTP301AH Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
45
F O X E l e c t r o n i c s 5 5 7 0 E n t e r p r i s e P a r k w a y
F o r t M y e r s , F l o r i d a 3 3 9 0 5 U S A
+ 1 . 2 3 9 . 6 9 3 . 0 0 9 9
FA X + 1 . 2 3 9 . 6 9 3 . 1 5 5 4
w w w. f o x o n l i n e . c o m
E M E A Te l : + 4 4 . 1 2 8 3 . 5 6 8 1 5 3 | C a n a d a + 1 . 8 8 8 . 4 3 8 . 2 3 6 9 | J a p a n Te l : + 8 1 . 3 . 3 3 7 4 . 2 0 7 9 | Singapore Tel: +65.68447989
© 2 0 1 3 F O X E L E C T R O N I C S | A n I n t e g r a t e d D e v i c e Te c h n o l o g y, I n c . c o m p a n y | I S O 9 0 0 1 : 2 0 0 8 C e r t i f i e d
14.3 x 9.3 mm, OVEN-CONTROLLED, HCMOS, SMD, XO
Rev. 6/28/2013
http://www.foxonline.com/need_a_sample.htm
Model: FTP301AH Series
Page 2 of 2
RoHS Compliant (exemption 7c-I) / REACH Compliant
0 ~ +70ºC
-30ºC ~ +70ºC
-40ºC ~ +85ºC
ᴑ
∆
∆
ᴑ
ᴑ
ᴑ
±200 PPB
• Other Stabilities Available
±100 PPB
±50 PPB
Stability Temperature
ᴑ
ᴑ
ᴑ
Key: ᴑ = Available, ∆ = Conditional, consult Fox
•Tape and Reel Specs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com