Electronic Components Datasheet Search
  English  ▼

X  

FTP302AH Datasheet(PDF) 1 Page - Fox Electronics

Part # FTP302AH
Description  OVEN-CONTROLLED, HCMOS, SMD, XO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FTP302AH Datasheet(HTML) 1 Page - Fox Electronics

  FTP302AH Datasheet HTML 1Page - Fox Electronics FTP302AH Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fox Electronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
USA +1.239.693.0099
FAX +1.239.693.1554
An Integrated Device Technology, Inc. company
FOXonline.com
14.3 x 9.3 mm, OVEN-CONTROLLED, HCMOS, SMD, XO
Rev. 7/15/2014
http://www.foxonline.com/need_a_sample.htm
Model: FTP300H Series
Page 1 of 2
RoHS Compliant (exemption 7c-I) / REACH Compliant
850-Frequency-xxxxx
850B-Frequency-xxxxx
850C-Frequency-xxxxx
850D-Frequency-xxxxx
850E-Frequency-xxxxx
850F-Frequency-xxxxx
850G-Frequency-xxxxx
850H-Frequency-xxxxx
850J-Frequency-xxxxx
5.000 ~ 40.000 MHz
See table above
±20 PPB
See table above
-40ºC ~ +85ºC
3.3Vdc ±5%
15 pF Typ
0.1V Typ, 0.4V Max
3.3V Typ, 2.8V Min
-60dBc Max
45% / 55%
Positive
±5 PPM Min
±10 %
0V to 3.3V
100k Ω
5 Minutes
500mA Max
0.6 W Max at 25ºC
±5 PPB / day Max
±4 PPM Max
-90 dBc/Hz Max
-115 dBc/Hz Max
-135 dBc/Hz Max
-145 dBc/Hz Max
1
Au
5.4 grams
+250ºC Max, 10ºs
PARAMETERS
Frequency Range (Fo)
Frequency Stabilty vs.:
Operating Temperature (Topr)
Referenced to +25ºC after 1 hour
Others availabe -
contact Fox
Change of Vdd (±5%)
Temperature Range
Operating
(Topr)
Storage
(Tstg)
Supply Voltage
(Vdd)
5V is available - contact Fox
Output Load
SineWave is available - contact Fox
Output Wave Shape
(Vol)
(Voh)
Spurious
Symmetry
Control Voltage
Slope
Frequency Change (∆f)
Non-Linearity (0.8V to (Vdd)
Voltage Control (Vc)
Input Impedance (Zin)
Warm up
Time (to ±100 PPB)
(Referenced to fc @ 60min after turn-on)
Warm-Up Current
Operating Power
Aging
Short-term Aging (After 30 days)
Long Term (10-years ALL effects)
Phase Noise
@ 10 Hz Offset:
@ 100 Hz Offset:
@ 1 kHz Offset:
@ 10 kHz Offset:
Mosisture Sensitivity Level (MSL)
Termination Finish
Weight (Typical)
Reflow Limits
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
All dimensions are in millimeters.
Pin Connections
#1 V
c or N.C.
#2 Not Connected
#3 GND / Case
#4 RF Output
#5 Not Connected
#6 V
DD
FEATURES
• SMD
• 3.3V Operation (5V Avail)
• HCMOS Output
FTP301AH
FTP301BH
FTP301CH
FTP302AH
FTP302BH
FTP302CH
FTP303AH
FTP303BH
FTP303CH
5 MHz to 40 MHz
5 MHz to 40 MHz
5 MHz to 40 MHz
5 MHz to 40 MHz
5 MHz to 40 MHz
5 MHz to 40 MHz
5 MHz to 40 MHz
5 MHz to 40 MHz
5 MHz to 40 MHz
• PART NUMBER SELECTION
Frequency Range
Model Number
Part Number
Frequency Stability
100ppb (-40~+85°C)
50ppb (-40~+85°C)
200ppb (-40~+85°C)
100ppb (-30~+70°C)
50ppb (-30~+70°C)
200ppb (-30~+70°C)
100ppb (0~+70°C)
50ppb (0~+70°C)
200ppb (0~+70°C)


Similar Part No. - FTP302AH

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FTP301AH FOX-FTP301AH Datasheet
502Kb / 2P
OVEN-CONTROLLED, HCMOS, SMD, XO
More results

Similar Description - FTP302AH

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AOCXS ABRACON-AOCXS Datasheet
251Kb / 3P
SMD OVEN CONTROLLED CRYSTAL OSCILLATOR
01.11.08
logo
MMD Components
MOAH MMD-MOAH Datasheet
120Kb / 1P
Oven Controlled Oscillator
logo
Abracon Corporation
AOCJY ABRACON-AOCJY Datasheet
1Mb / 3P
SMD OVEN CONTROLLED CRYSTAL OSCILLATOR
03.25.10
AOCJY_1012 ABRACON-AOCJY_1012 Datasheet
1Mb / 3P
SMD OVEN CONTROLLED CRYSTAL OSCILLATOR
12.01.10
logo
Fox Electronics
FTM301AH FOX-FTM301AH Datasheet
822Kb / 2P
OVEN-CONTROLLED, HCMOS, SMD, XO
FTP301AH FOX-FTP301AH Datasheet
502Kb / 2P
OVEN-CONTROLLED, HCMOS, SMD, XO
logo
MMD Components
MOBH5 MMD-MOBH5 Datasheet
126Kb / 2P
Oven Controlled Oscillator
MOCH15 MMD-MOCH15 Datasheet
111Kb / 2P
Oven Controlled Oscillator
logo
Integrated Device Techn...
XUH IDT-XUH_17 Datasheet
303Kb / 12P
IDT XO HCMOS Crystal Oscillator
XLH IDT-XLH_17 Datasheet
341Kb / 13P
IDT XO HCMOS Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com