Electronic Components Datasheet Search
  English  ▼

X  

FOX751D Datasheet(PDF) 1 Page - Fox Electronics

Part # FOX751D
Description  SMD HCMOS TCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FOX751D Datasheet(HTML) 1 Page - Fox Electronics

  FOX751D Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
35
F O X E l e c t r o n i c s 5 5 7 0 E n t e r p r i s e P a r k w a y
F o r t M y e r s , F l o r i d a 3 3 9 0 5 U S A
+ 1 . 2 3 9 . 6 9 3 . 0 0 9 9
FA X + 1 . 2 3 9 . 6 9 3 . 1 5 5 4
w w w. f o x o n l i n e . c o m
E M E A Te l : + 4 4 . 1 2 8 3 . 5 6 8 1 5 3 | C a n a d a + 1 . 8 8 8 . 4 3 8 . 2 3 6 9 | A s i a H o n g K o n g Te l : + 8 5 2 . 2 8 5 4 . 4 2 8 5 | J a p a n Te l : + 8 1 . 3 . 3 3 7 4 . 2 0 7 9
© 2 0 1 3 F O X E L E C T R O N I C S | A n I n t e g r a t e d D e v i c e Te c h n o l o g y, I n c . c o m p a n y | I S O 9 0 0 1 : 2 0 0 8 C e r t i f i e d
SMD HCMOS TCXO
Rev. 2/23/2013
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: FOX751 Series
Page 1 of 1
831-Frequency-xxxxx
831A-Frequency-xxxxx
831B-Frequency-xxxxx
FOX751C
FOX751D
FOX751G
3.3V±5%
2.8V±5%
2.5V±5%
• PART NUMBER SELECTION
Supply Voltage (Vdd)
Model Number
Part Number
5.000MHz
16.000MHz
32.000MHz
10.000MHz
20.000MHz
40.000MHz
12.000MHz
24.000MHz
44.000MHz
• STANDARD FREQUENCIES1
1
Does not imply a stocked part.
2
An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Dimensional drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape etc. may
vary. All specifications are subject to change without notice
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• ENABLE / DISABLE FUNCTION
(Pin 1)
OPEN 2
'1' Level Vih ≥ 70%Vdd
'0' Level Vil ≤ 30%Vdd
PARAMETERS
Frequency Range (MHz)
Temperature Range
Operating (Topr)
Storage (Tstg)
Supply Voltage (Vdd)
Input Current (Idd)
Standby Current
Initial Frequency Tolerance @ 25ºC (after 2 reflows)
Frequency Stability
Over Temp Range
Over Supply Voltage Change (Vdd±5%)
Over Load Range (15pF ±10%)
Rise Time (10% ~ 90% Vdd) (tr)
Fall Time (90% ~ 10% Vdd) (tF)
Symmetry (50% Vdd)
output Voltage (Vol)
(Voh)
output Load
(Cl)
Aging per year
Startup Time
(Ts)
Disable Time
Enable Time
Phase Noise @ 10kHz offset
Reflow Soldering Temp
Moisture Sensitivity Level (MSL)
Termination Finish
4.000 ~ 54.000
-30ºC ~ +75ºC
-40ºC ~ +125ºC
+2.5V ~ +3.3 Vdc ±5%
See table below
10uA
±1.5 PPM
±2.5 PPM
±0.2 PPM
±0.2 PPM
5nS
5nS
45% ~ 55%
10%Vdd
90%Vdd Min
15pF
±1.0PPM
10mS
250nS
10mS
-145dBc/Hz Typical
260ºC / 10 Seconds
1
Au
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
2.5V
2.8V
3.3V
• INPUT CURRENT (Idd) (mA Max)
4 ~ 10MHz 10+ ~ 20MHz 20+ ~ 30MHz 30+ ~ 40MHz 40+ ~ 54MHz
3.1
3.4
4.0
3.7
4.1
4.8
4.2
4.7
5.5
4.6
5.2
6.0
5.5
6.0
7.0
All dimensions are in millimeters.


Similar Part No. - FOX751D

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX759 FOX-FOX759 Datasheet
423Kb / 1P
TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
FOX759A FOX-FOX759A Datasheet
423Kb / 1P
TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
More results

Similar Description - FOX751D

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX924 FOX-FOX924 Datasheet
95Kb / 2P
3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
logo
QUARTZCOM the communica...
VT5-254HL QUARTZCOM-VT5-254HL Datasheet
121Kb / 1P
SMD VC-TCXO HCMOS Low phase noise
VTO-P9-H-6P-ST3 QUARTZCOM-VTO-P9-H-6P-ST3 Datasheet
116Kb / 1P
STRATUM-III SMD VC-TCXO HCMOS Output signal HCMOS
logo
Fox Electronics
FOX924B-12288 FOX-FOX924B-12288 Datasheet
118Kb / 2P
3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
logo
EUROQUARTZ limited
EM32T EUROQUARTZ-EM32T Datasheet
141Kb / 1P
HCMOS TCXO 3.2 x 2.5mm SMD
logo
Fox Electronics
FOX251 FOX-FOX251 Datasheet
352Kb / 1P
Ultra Miniature SMD HCMOS TCXO
FOX551 FOX-FOX551 Datasheet
353Kb / 1P
SMD HCMOS TCXO
FOX351 FOX-FOX351 Datasheet
519Kb / 1P
Ultra Miniature SMD HCMOS TCXO
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
HCMOS TCXO/VC-TCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com