Electronic Components Datasheet Search
  English  ▼

X  

FOX922FE Datasheet(PDF) 2 Page - Fox Electronics

Part # FOX922FE
Description  2.5V ~ 3.3V SMD TCXO/VCTCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FOX922FE Datasheet(HTML) 2 Page - Fox Electronics

  FOX922FE Datasheet HTML 1Page - Fox Electronics FOX922FE Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
21
FOX
Electronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA
Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221
© 2010 FOX ELECTRONICS | ISO9001:2000 Certified
2.5V ~ 3.3V SMD TCXO/VCTCXO
2.5V ~ 3.3V SMD TCXO/VCTCXO
Rev. 1/25/2011
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: FOX922 SERIES
Page 2 of 2
• TAPE SPECIFICATIONS (millimeters)
MODEL
FOX922
A
∅
1.5
B
4.0
C
4.0
D
5.5
E
8.0
F
1.4
STD Reel QTY
3,000
• REEL SPECIFICATIONS (millimeters)
G
2.0
H
∅
13
I
∅
21
J
∅
60
K
∅
180
L
9.0
M
2.0
MODEL
FOX922



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com