Electronic Components Datasheet Search
  English  ▼

X  

USM Datasheet(PDF) 1 Page - StarHope

Part # USM
Description  Surface Mount Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

USM Datasheet(HTML) 1 Page - StarHope

  USM Datasheet HTML 1Page - StarHope USM Datasheet HTML 2Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Applications
Surface Mount Devices
Almost anywhere there is a low voltage
Lead free deivce
power supply, up to DC30V and a load
Size 3225mm/1210 mils
to be protested, including:
Surface Mount packaging for automated assembly
Computer mother board, Modem.
Agency recognition:
Telecommunication equipments
Model
D
min
max
min
max
min
max
min
USM005
3.00
3.43
2.35
2.80
0.30
0.80
0.30
USM010
3.00
3.43
2.35
2.80
0.30
0.80
0.30
USM020
3.00
3.43
2.35
2.80
0.30
0.80
0.30
Dimensions (mm)
A
B
C
Product dimensions (mm)
USM035
3.00
3.43
2.35
2.80
0.30
0.80
0.30
USM050
3.00
3.43
2.35
2.80
0.30
0.80
0.30
USM075
3.00
3.43
2.35
2.80
0.30
0.80
0.30
USM110
3.00
3.43
2.35
2.80
0.30
0.80
0.30
USM150
3.00
3.43
2.35
2.80
0.40
0.80
0.30
Test
Passive aging
Humidity aging
Thermal shock
Resistance to solvent
Vibration
Maximum surface of the device in the tripped state is 125℃
Conditions
Resistance change
85℃,1000hrs
MIL-STD-202,Method 201
No change
Environmental Specifications
±5% typical
85℃,85%℃R.H.,168hrs
±5% typical
85℃,to-40℃,13times
±33% typical
MIL-STD-202,Method 215
No change
Meets EIA specification RS186-9E and ANSI/J-STD-002 Category 3.
Terminal pad materials
Terminal pad solderability
Tin-Plated Nickle-Copper or Gold-Plated Nickle-Copper
Termination pad characteristics
Ambient operating confitions:-40℃ to 85℃
2.0 ± 0.1
1.0 ± 0.1
1.0 ± 0.1
B
D
A
C
PPTC/USM Series
01 | www.spsemi.cn
USM175
3.00
3.43
2.35
2.80
0.50
1.20
0.30
USM200
3.00
3.43
2.35
2.80
0.50
1.20
0.30
REV.2014.05.01


Similar Part No. - USM

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USM-110 ADVANTECH-USM-110 Datasheet
1Mb / 3P
RISC Based 4K Digital Signage Player
29-Apr-2019
USM-110A-BR110 ADVANTECH-USM-110A-BR110 Datasheet
1Mb / 3P
RISC Based 4K Digital Signage Player
29-Apr-2019
USM-110A-BR120 ADVANTECH-USM-110A-BR120 Datasheet
1Mb / 3P
RISC Based 4K Digital Signage Player
29-Apr-2019
USM-110A-UR120 ADVANTECH-USM-110A-UR120 Datasheet
1Mb / 3P
RISC Based 4K Digital Signage Player
29-Apr-2019
USM-210 ADVANTECH-USM-210 Datasheet
581Kb / 2P
4 HDMI Multi-Media Signage Player
11-Sep-2020
More results

Similar Description - USM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
PolySwitch Resettable Devices Surface-mount Devices
logo
StarHope
TSM SPSEMI-TSM Datasheet
826Kb / 2P
Surface Mount Devices
SM SPSEMI-SM Datasheet
1Mb / 3P
Surface Mount Devices
NSM SPSEMI-NSM Datasheet
702Kb / 3P
Surface Mount Devices
MSM SPSEMI-MSM Datasheet
505Kb / 3P
Surface Mount Devices
ISM SPSEMI-ISM Datasheet
288Kb / 2P
Surface Mount Devices
DSM SPSEMI-DSM Datasheet
290Kb / 2P
Surface Mount Devices
PESD040205A015FR SPSEMI-PESD040205A015FR Datasheet
439Kb / 5P
Surface Mount Devices
logo
Shanghai Leiditech Elec...
LM130F LEIDITECH-LM130F Datasheet
486Kb / 2P
Surface mount devices
SMD1210P150L LEIDITECH-SMD1210P150L Datasheet
391Kb / 8P
Surface-mount Devices
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com