Electronic Components Datasheet Search
  English  ▼

X  

TSM Datasheet(PDF) 1 Page - StarHope

Part # TSM
Description  Surface Mount Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSM Datasheet(HTML) 1 Page - StarHope

  TSM Datasheet HTML 1Page - StarHope TSM Datasheet HTML 2Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Applications
Surface Mount Devices
Almost anywhere there is a low voltage
Lead free deivce
power supply, up to DC60V and a load
Size 5045mm/2018 mils
to be protested, including:
Surface Mount packaging for automated assembly
Computer mother board, Modem.
Agency recognition:
Telecommunication equipments
Model
D
min
max
min
max
min
max
min
TSM030
4.44
4.72
4.22
4.93
0.60
1.10
0.30
TSM050
4.44
4.72
4.22
4.93
0.60
1.10
0.30
TSM100
4.44
4.72
4.22
4.93
0.45
0.80
0.30
Product dimensions (mm)
Dimensions (mm)
A
B
C
TSM100
4.
4.
4.22
4.93
0.45
0.80
0.30
TSM100/33
4.44
4.72
4.22
4.93
0.45
0.80
0.30
TSM150
4.44
4.72
4.22
4.93
0.45
0.80
0.30
TSM200
4.44
4.72
4.22
4.93
0.45
0.80
0.30
Test
Passive aging
Humidity aging
Thermal shock
Resistance to solvent
Vibration
Maximum surface of the device in the tripped state is 125℃
MIL-STD-202,Method 215
No change
Meets EIA specification RS186-9E and ANSI/J-STD-002 Category 3.
Terminal pad materials
Terminal pad solderability
Tin-Plated Nickle-Copper or Gold-Plated Nickle-Copper
Termination pad characteristics
Ambient operating confitions:-40℃ to 85℃
MIL-STD-202,Method 201
No change
Environmental Specifications
±5% typical
85℃,85%℃R.H.,168hrs
±5% typical
85℃,to-40℃,13times
±33% typical
Conditions
Resistance change
85℃,1000hrs
3.4 ±0.1
1.5 ±0.1
1.5 ±0.1
Z Z Z
B
D
A
C
PPTC/TSM Series
01 | www.spsemi.cn
REV.2014.05.01


Similar Part No. - TSM

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
NTC Thermistors SMD Thermistors
logo
TRACO Electronic AG
TSM TRACOPOWER-TSM Datasheet
1Mb / 7P
DC/DC Converter TSM Series, 1 Watt
Rev. November 30, 2022
logo
Samtec, Inc
TSM SAMTEC-TSM Datasheet
532Kb / 2P
SLIM BODY FLAT RIBBON IDC CABLES (2.54 mm) .100" PITCH
logo
Automatic Timing & Cont...
TSM ATC-TSM Datasheet
340Kb / 1P
Energy Conservation Timer Solid-State Output
logo
Samtec, Inc
TSM-102-01-F-DH SAMTEC-TSM-102-01-F-DH Datasheet
1Mb / 2P
SMT .025" SQ POST HEADER
More results

Similar Description - TSM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
PolySwitch Resettable Devices Surface-mount Devices
logo
StarHope
USM SPSEMI-USM Datasheet
280Kb / 2P
Surface Mount Devices
SM SPSEMI-SM Datasheet
1Mb / 3P
Surface Mount Devices
NSM SPSEMI-NSM Datasheet
702Kb / 3P
Surface Mount Devices
MSM SPSEMI-MSM Datasheet
505Kb / 3P
Surface Mount Devices
ISM SPSEMI-ISM Datasheet
288Kb / 2P
Surface Mount Devices
DSM SPSEMI-DSM Datasheet
290Kb / 2P
Surface Mount Devices
PESD040205A015FR SPSEMI-PESD040205A015FR Datasheet
439Kb / 5P
Surface Mount Devices
logo
Shanghai Leiditech Elec...
LM130F LEIDITECH-LM130F Datasheet
486Kb / 2P
Surface mount devices
SMD1210P150L LEIDITECH-SMD1210P150L Datasheet
391Kb / 8P
Surface-mount Devices
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com