Electronic Components Datasheet Search
  English  ▼

X  

SM Datasheet(PDF) 2 Page - StarHope

Part # SM
Description  Surface Mount Devices
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SM Datasheet(HTML) 2 Page - StarHope

  SM Datasheet HTML 1Page - StarHope SM Datasheet HTML 2Page - StarHope SM Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model
Ihold
Itrip
Vmax
Imax
Pd max
Current
Time
Rmin
Rmax
(A)
(A)
(Vdc)
(A)
(w)
(A)
(S)
(Ω)
(Ω)
SM030
0.30
0.60
60
100
1.5
1.5
3.0
0.600
4.800
SM050
0.50
1.00
60
100
1.5
2.5
4.0
0.180
1.400
SM075
0.75
1.50
33
100
1.5
8.0
0.3
0.100
1.000
SM100
1.10
2.20
33
100
1.5
8.0
0.5
0.065
0.410
SM125
1.25
2.50
33
100
1.5
8.0
2.0
0.050
0.250
SM150
1.50
3.00
33
100
1.5
8.0
2.0
0.035
0.230
SM185
1.85
3.70
33
100
1.5
8.0
2.5
0.030
0.150
SM200
2.00
4.00
16
100
1.5
8.0
4.5
0.020
0.120
SM250
2.50
5.00
16
100
1.5
8.0
16.0
0.020
0.085
SM260
2.60
5.20
6
100
1.5
8.0
10.0
0.014
0.075
SM300
3.00
6.00
16
100
1.5
8.0
20.0
0.012
0.048
Ihold
Itrip
Vmax
Imax
Pd
Rmin/max
R1max
*CAUTION
—40℃
—20℃
0℃
25℃
40℃
50℃
60℃
85℃
0.45
0.40
0.35
0.30
0.25
0.23
0.20
0.14
0.76
0.67
0.59
0.50
0.42
0.38
0.33
0.23
1.13
1.01
0.88
0.75
0.62
0.56
0.50
0.34
1.66
1.47
1.29
1.10
0.91
0.83
0.73
0.50
1.89
1.68
1.46
1.25
1.04
0.94
0.83
0.56
2.27
2.01
1.76
1.50
1.25
1.13
1.00
0.74
2.80
2.47
2.17
1.85
1.54
1.39
1.22
0.85
3.02
2.68
2.34
2.00
1.66
1.50
1.32
0.90
3.78
3.35
2.93
2.50
2.08
1.88
1.65
1.13
3.64
3.25
2.91
2.60
2.26
2.08
1.95
1.13
4.53
4.02
3.51
3.00
2.52
2.26
1.99
1.34
Maximum Time To Trip
Resistance
Hold Current:Maximum current device will not trip in 25℃ still air.
Maximum resistance of device at 25℃ measured one hour after trippde tripping.
Operation beyond the specified rating may result in damage and possible arcing.
Maximum operating volatge device can withstand without damage at ratde current(imax).
Maximum fault current device can withstand without damage at rated voltage(Vmax).
Typical power dissipatde from device when in the tripped state in 25℃ still air.
Minimum/Maximum device resistance prior to tripping at 25℃.
maximun ambient operating temperature(Tmao)vs.hold current(Ihold)
Ihold versus tempetature
Model
SM030
SM050
Trip current:Minimum current at which the device will always trip in 25℃ still air
SM250
SM260
SM300
Electrical characteristics(25℃)
SM075
SM100
SM125
SM150
SM185
SM200
PPTC/SM Series
02 | www.spsemi.cn
REV.2014.05.01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com