Electronic Components Datasheet Search
  English  ▼

X  

ISM Datasheet(PDF) 1 Page - StarHope

Part # ISM
Description  Surface Mount Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

ISM Datasheet(HTML) 1 Page - StarHope

  ISM Datasheet HTML 1Page - StarHope ISM Datasheet HTML 2Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Applications
Surface Mount Devices
Almost anywhere there is a low voltage
Lead free device
power supply, up to DC15V and a load
iSurface Mount packaging for automated
to be protested, including:
rassembly
Computer mother board,Modem.USB hub
BAgency redognition:UL
PDAs & Charger,Analog & digital line card
Digital cameras,Disk drivers, CD-ROMs
Model
D
E
min
max
min
max
min
max
min
min
ISM010
2.00
2.2
1.2
1.5
0.50
1.0
0.2
0.1
ISM020
2.00
2.2
1.2
1.5
0.45
1.0
0.2
0.1
Dimensions (mm)
A
B
C
Product dimensions (mm)
ISM035
2.00
2.2
1.2
1.5
0.45
1.0
0.2
0.1
ISM050
2.00
2.2
1.2
1.5
0.30
0.6
0.2
0.1
ISM075
2.00
2.2
1.2
1.5
0.40
1.0
0.2
0.1
ISM100
2.00
2.2
1.2
1.5
0.50
1.1
0.2
0.1
ALL
Test
conditions
Passive aging
Humidity aging
Thermal shock
Resistance to solvent
Vibration
Physical Characteristcs
Environmental Specifications
Material:Leads
MIL-STD-202,Method 201
Storage conditions:-40℃ to 85℃
Tin plated copper,20AWG0.80mm
+85℃,85%R.H.,100hrs
+85℃,100hts
+125℃,to-55℃,10times
MIL-STD-202,Method 215
Resistance change
±8% typical
±8% typical
±12% typical
No change
No change
1 = Part identification
1.2
1.0
1.0
1
B
D
E
A
C
ISM125
2.00
2.2
1.2
1.5
0.50
1.2
0.2
0.1
ISM110
2.00
2.2
1.2
1.5
0.50
1.2
0.2
0.1
PPTC/ISM Series
01 | www.spsemi.cn
REV.2014.05.01


Similar Part No. - ISM

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
ISM-100C1-000 TALEMA-ISM-100C1-000 Datasheet
25Kb / 1P
DIL Interface Modules
ISM-100C1-101 TALEMA-ISM-100C1-101 Datasheet
25Kb / 1P
DIL Interface Modules
ISM-100C1-470 TALEMA-ISM-100C1-470 Datasheet
25Kb / 1P
DIL Interface Modules
ISM-100C1-501 TALEMA-ISM-100C1-501 Datasheet
25Kb / 1P
DIL Interface Modules
ISM-100C1-502 TALEMA-ISM-100C1-502 Datasheet
25Kb / 1P
DIL Interface Modules
More results

Similar Description - ISM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
PolySwitch Resettable Devices Surface-mount Devices
logo
StarHope
USM SPSEMI-USM Datasheet
280Kb / 2P
Surface Mount Devices
TSM SPSEMI-TSM Datasheet
826Kb / 2P
Surface Mount Devices
SM SPSEMI-SM Datasheet
1Mb / 3P
Surface Mount Devices
NSM SPSEMI-NSM Datasheet
702Kb / 3P
Surface Mount Devices
MSM SPSEMI-MSM Datasheet
505Kb / 3P
Surface Mount Devices
DSM SPSEMI-DSM Datasheet
290Kb / 2P
Surface Mount Devices
PESD040205A015FR SPSEMI-PESD040205A015FR Datasheet
439Kb / 5P
Surface Mount Devices
logo
Shanghai Leiditech Elec...
LM130F LEIDITECH-LM130F Datasheet
486Kb / 2P
Surface mount devices
SMD1210P150L LEIDITECH-SMD1210P150L Datasheet
391Kb / 8P
Surface-mount Devices
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com