Electronic Components Datasheet Search
  English  ▼

X  

P0720EB Datasheet(PDF) 1 Page - StarHope

Part # P0720EB
Description  P thyristor for circuit protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

P0720EB Datasheet(HTML) 1 Page - StarHope

  P0720EB Datasheet HTML 1Page - StarHope P0720EB Datasheet HTML 2Page - StarHope P0720EB Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description of Part Number
P thyristor for circuit protection
Part Number
P
310
0
E
B
Code
①
②
③
④
⑤
Main
Suffix
① PRODUCT TYPE
Product type
P
TYPE
② MEDIAN VOLTAGE RATING
Code
Median voltage rating
310
310 V
③ CONSTRUCTION VARIABLE
Code
Product shape
0
One chip
1
Unidirectional part
2
Two chips
3
Three chips
④ PACKAGE TYPE
Code
PACKAGE TYPE
E
TO–92
M
DO-27
S
SMB/DO–214AA
R
SMA/DO-214AC
L
DO-15
⑤ IPP RATING
Code
IPP RATING
B
250 A (8x20 µs)
C
400 A (8x20 µs)
D
1000 A (8x20 µs)
A
150 A (8x20 µs)
Applications
When protecting telecommunication circuits, P devices are connected across Tip and Ring for metallic protection
and across Tip and Ground and Ring and Ground for longitudinal protection. They typically are placed behind some
type of current-limiting device. Common applications include:
• Central office line cards (SLICs)
• T-1/E-1, ISDN, and xDSL transmission equipment
• Customer Premises Equipment (CPE) such as phones, modems, and caller ID adjunct boxes
• PBXs, KSUs, and other switches
• Primary protection including main distribution frames, five-pin modules, building entrance equipment, and station
protection modules
• Data lines and security systems
• CATV line amplifiers and power inserters
• Sprinkler systems
Thyristor/T0-92 Series
REV.2014.05.01
01 | www.spsemi.cn


Similar Part No. - P0720EB

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
P0720EB HUAXINAN-P0720EB Datasheet
388Kb / 7P
SIDACtor Protection Thyristors
logo
Socay Electornics Co., ...
P0720EB SOCAY-P0720EB Datasheet
229Kb / 5P
Thyristor Surge Suppressors (TSS)
logo
HuaXinAn Electronics CO...
P0720EB HUAXINAN-P0720EB Datasheet
390Kb / 7P
SIDACtor Protection Thyristors
P0720EB HUAXINAN-P0720EB Datasheet
617Kb / 7P
SIDACtor Protection Thyristor
logo
UN Semiconducctor INC
P0720EB UNSEMI-P0720EB Datasheet
2Mb / 6P
Thyristor Surge Suppressors (TSS)
Revision March 1,2022
More results

Similar Description - P0720EB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTH9M0 MURATA-PTH9M0 Datasheet
32Kb / 1P
POSISTOR for Circuit Protection
PRF18BA471QB5RB MURATA-PRF18BA471QB5RB Datasheet
1Mb / 104P
POSISTOR for Circuit Protection
logo
StarHope
SMB SPSEMI-SMB Datasheet
777Kb / 3P
P thyristor for circuit protection
SMA SPSEMI-SMA Datasheet
741Kb / 3P
P thyristor for circuit protection
P0080L SPSEMI-P0080L Datasheet
754Kb / 3P
P thyristor for circuit protection
logo
Guangdong Kexin Industr...
SP1200SA KEXIN-SP1200SA Datasheet
1Mb / 2P
Protection Thyristor
logo
HuaXinAn Electronics CO...
P0080SALRP HUAXINAN-P0080SALRP_14 Datasheet
673Kb / 8P
Protection Thyristor
P0080EAL HUAXINAN-P0080EAL_14 Datasheet
617Kb / 7P
Protection Thyristor
P0080EA HUAXINAN-P0080EA_V01 Datasheet
617Kb / 7P
SIDACtor Protection Thyristor
P3500LA HUAXINAN-P3500LA_V01 Datasheet
327Kb / 4P
SIDACtor Protection Thyristor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com