Electronic Components Datasheet Search
  English  ▼

X  

P0900EC Datasheet(PDF) 2 Page - StarHope

Part # P0900EC
Description  P thyristor for circuit protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

P0900EC Datasheet(HTML) 2 Page - StarHope

  P0900EC Datasheet HTML 1Page - StarHope P0900EC Datasheet HTML 2Page - StarHope P0900EC Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Thermal Considerations
Package
TO-92
Symbol
Parameter
Value
Unit
TJ
Operating Junction
Temperature
-40 to +150
°C
TS
Storage
Temperature Range
-65 to +150
°C
RBJA
Thermal Resistance:
Junction to Ambient
90
°C/W
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
A
150
150
90
50
45
20
500
B
250
250
150
100
80
30
500
C
500
400
200
150
100
50
500
P Device (E series)
TO-92 P solid state protection devices protect telecommunications equipment such as
modems, line cards, fax machines, and other CPE.
P devices are used to enable equipment to meet various regulatory requirements including
GR 1089, ITU K.20, K.21, and K.45, IEC 60950, UL 60950, and TIA-968 (formerly known as FCC Part 68)
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps **
IH
mAmps
CO
pF
P0080E_
6
25
4
5
800
2.2
50
50-125
P0300E_
25
40
4
5
800
2.2
15
0
70-175
P0640E_
58
77
4
5
800
2.2
150
55-140
P0720E_
65
88
4
5
800
2.2
150
55-140
P0900E_
75
98
4
5
800
2.2
150
55-140
P2300E_
190
260
4
5
800
2.2
150
45-115
P2600E_
220
300
4
5
800
2.2
150
40-100
P3100E_
275
350
4
5
800
2.2
150
35-90
P3500E_
320
400
4
5
800
2.2
150
30-75
28
* For individual “EA”, “EB”, and “EC”surge ratings, see table below
Thyristor/T0-92 Series
REV.2014.05.01
02 | www.spsemi.cn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com