Electronic Components Datasheet Search
  English  ▼

X  

NVT2003DP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NVT2003DP
Description  Bidirectional voltage-level translator for open-drain and push-pull applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NVT2003DP Datasheet(HTML) 5 Page - NXP Semiconductors

  NVT2003DP Datasheet HTML 1Page - NXP Semiconductors NVT2003DP Datasheet HTML 2Page - NXP Semiconductors NVT2003DP Datasheet HTML 3Page - NXP Semiconductors NVT2003DP Datasheet HTML 4Page - NXP Semiconductors NVT2003DP Datasheet HTML 5Page - NXP Semiconductors NVT2003DP Datasheet HTML 6Page - NXP Semiconductors NVT2003DP Datasheet HTML 7Page - NXP Semiconductors NVT2003DP Datasheet HTML 8Page - NXP Semiconductors NVT2003DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
NVT2003_04_06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 19 February 2014
5 of 33
NXP Semiconductors
NVT2003/04/06
Bidirectional voltage-level translator
5.2 Pin description
[1]
3-bit NVT2003 available in TSSOP10 package.
[2]
4-bit NVT2004 available in HXSON12 package.
[3]
6-bit NVT2006 available in TSSOP16, DHVQFN16, HVQFN16 packages.
6.
Functional description
Refer to Figure 1 “Logic diagram of NVT2003/04/06 (positive logic)”.
6.1 Function table
[1]
EN is controlled by the Vref(B) logic levels and should be at least 1 V higher than Vref(A) for best translator
operation.
Table 3.
Pin description
Symbol
Pin
Description
NVT2003DP[1]
NVT2004TL[2]
NVT2006BQ,
NVT2006PW[3]
NVT2006BS[3]
GND
1
1
1
15
ground (0 V)
VREFA
2
2
2
16
low-voltage side reference
supply voltage for An
A1
3
3
3
1
low-voltage side; connect to VREFA
through a pull-up resistor
A2
4
4
4
2
A3
5
5
5
3
A4
-
6
6
4
A5
-
-
7
5
A6
-
-
8
6
B1
8
10
14
12
high-voltage side; connect to VREFB
through a pull-up resistor
B2
7
9
13
11
B3
6
8
12
10
B4
-
7
11
9
B5
-
-
10
8
B6
-
-
9
7
VREFB
9
11
15
13
high-voltage side reference
supply voltage for Bn
EN
10
12
16
14
switch enable input; connect to VREFB
and pull-up through a high resistor
Table 4.
Function selection (example)
H = HIGH level; L = LOW level.
Input EN[1]
Function
HAn = Bn
L
disconnect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com