Electronic Components Datasheet Search
  English  ▼

X  

PLD-28 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PLD-28
Description  Provided in a handy dispenser for convenience and label protection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLD-28 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PLD-28 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Copyright © 1995-2007, PANDUIT CORP. All rights reserved.
support | locate distributor | about panduit | careers | worldwide
Printer Friendly
HOME | SOLUTIONS | RESOURCES| PRODUCTS | SERVICES | LEARNING
SEARCH
Current refinements (click
to remove)
Search Tips
Region
USA
Product Family
Write -On Quality Labels in Dispenser
Text Search: 'PLD -28'
Your search criteria matched only one product, shown below.
• Provided in a handy dispenser for convenience and label protection
• Made of durable, adhesive backed polyester material
• Mark with ball point pen orPANDUIT® permanent marking pens
Part Number:
PLD-28
RoHS Compliancy Status:
Compliant
Part Description:
Dispenser Label, 'Inspected', Black/White
Material:
GMYOL Polyester
Height (In.):
1.00
Height (mm):
25.40
Width (In.):
1.50
Width (mm):
38.10
Color (Legend/Background): Black/White
Labels Per Dispenser:
200
Legend:
INSPECTED, BY, DATE
Min. Order UOM:
PK
Min. Order Qty.:
1
BOM Qty. (# of Pkgs.)
0
0
Add to My Catalog
g
fe
d
c
Please register to utilize the 'Bill of Materials', 'Submit Quotes' and 'My Catalog' features.
Permanent Marking Pens
legal information | privacy policy | site map


Similar Part No. - PLD-28

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
PLD-20A35EWQ MSPI-PLD-20A35EWQ Datasheet
106Kb / 1P
95 at 30cm at Rated voltage
PLD-20A35EWQ-MX MSPI-PLD-20A35EWQ-MX Datasheet
103Kb / 1P
95 at 30cm at Rated voltage
PLD-21A29WQ MSPI-PLD-21A29WQ Datasheet
98Kb / 1P
Sales Outline Drawing
PLD-21N30PQ MSPI-PLD-21N30PQ Datasheet
107Kb / 1P
Sales Outline Drawing
PLD-21N30WQ MSPI-PLD-21N30WQ Datasheet
101Kb / 1P
Sales Outline Drawing
More results

Similar Description - PLD-28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U840A ETC2-U840A Datasheet
57Kb / 1P
TOILET TISSUE DISPENSER
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
An Encoder That Offers Durability and Convenience
logo
List of Unclassifed Man...
VL-ENCL-5 ETC2-VL-ENCL-5 Datasheet
368Kb / 15P
The VL-ENCL-5 provides easy access, superb protection and portable convenience for products under development.
logo
Omron Electronics LLC
E3C-WE4 OMRON-E3C-WE4 Datasheet
1Mb / 16P
Thin, Compact Head Saves Space and Mounts Closely. Built-in Interference Protection Provided.
E3C-S20DW OMRON-E3C-S20DW Datasheet
1Mb / 16P
Thin, Compact Head Saves Space and Mounts Closely. Built-in Interference Protection Provided.
logo
List of Unclassifed Man...
PLD-64 ETC2-PLD-64 Datasheet
30Kb / 1P
Packaged in a dispenser for label protection and your convenience
logo
Axiomtek Co., Ltd.
P1157S-871 AXIOMTEK-P1157S-871_16 Datasheet
388Kb / 2P
Easy installation: a less screw design for users convenience
P1157S-881 AXIOMTEK-P1157S-881_16 Datasheet
399Kb / 2P
Easy installation: a less screw design for users convenience
P1177E-871 AXIOMTEK-P1177E-871 Datasheet
428Kb / 2P
Easy installation: a less screw design for users convenience
logo
PHOENIX CONTACT
1014401 PHOENIX-1014401 Datasheet
41Kb / 2P
Label dispenser - THERMOMARK ROLL X1 -DISPENSER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com