Electronic Components Datasheet Search
  English  ▼

X  

PE4259 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # PE4259
Description  SPDT High Power UltraCMOS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4259 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  PE4259 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Product Specification
PE4259
Page 2 of 11
©2005-2012 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0134-10 │ UltraCMOS™ RFIC Solutions
Notes: 1. Device linearity will begin to degrade below 10 MHz.
2. The DC transient at the output of any port of the switch when the control voltage is switched from Low to High or High to Low in a 50 Ω test
set-up, measured with 1ns risetime pulses and 500 MHz bandwidth.
3. A tuning capacitor must be added to the application board to optimize the insertion loss and return loss performance. See Figure 6 for
details.
Table 1. Electrical Specifications @ +25°C, VDD = 3V (ZS = ZL = 50 Ω )
Parameter
Conditions
Minimum
Typical
Maximum
Units
Operation Frequency1
10 MHz
3000
MHz
Insertion Loss3
1000 MHz
2000 MHz
0.35
0.50
0.45
0.60
dB
dB
Isolation
1000 MHz
2000 MHz
29
19
30
20
dB
dB
Return Loss3
1000 MHz
2000 MHz
21
24
22
27
dB
dB
‘ON’ Switching Time
50% CTRL to 0.1 dB of final value, 1 GHz
1.50
us
‘OFF’ Switching Time
50% CTRL to 25 dB isolation, 1 GHz
1.50
us
Video Feedthrough2
15
mVpp
Input 1 dB Compression
1000 MHz @ 2.3 - 3.3V
1000 MHz @ 1.8 - 2.3V
2500 MHz @ 2.3 - 3.3V
2500 MHz @ 1.8 - 2.3V
31.5
29.5
28.5
28
33.5
30.5
30.5
29
dBm
Input IP3
1000 MHz, 20dBm input power
55
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com