Electronic Components Datasheet Search
  English  ▼

X  

PE4308 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # PE4308
Description  75 廓 RF Digital Attenuator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4308 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  PE4308 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Product Specification
PE4308
Document No. 70-0162-04
│ www.psemi.com
Page 5 of 11
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0
5
10
15
20
25
30
35
Attenuation Setting (dB)
500MHz, -40C
500MHz, 85C
500MHz, 25C
-2
-1.5
-1
-0.5
0
0.5
0
500
1000
1500
2000
RF Frequency (MHz)
31dB
16dB
8dB
2dB
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0
5
10
15
20
25
30
35
Attenuation Setting (dB)
1GHz, -40C
1GHz, 85C
1GHz, 25C
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0
5
10
15
20
25
30
35
Attenuation Setting (dB)
10MHz, -40C
10MHz, 85C
10MHz, 25C
Figure 11. Attenuation Error Vs. Attenuation
Setting
Figure 13. Attenuation Error Vs. Attenuation
Setting
Figure 12. Attenuation Error Vs. Attenuation
Setting
Figure 10. Attenuation Error Vs. Frequency
Typical Performance Data (25°C, VDD = 3.0 V unless otherwise noted)
Note: Positive attenuation error indicates higher attenuation than target value



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com