Electronic Components Datasheet Search
  English  ▼

X  

K2364 Datasheet(PDF) 3 Page - NEC

Part # K2364
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

K2364 Datasheet(HTML) 3 Page - NEC

  K2364 Datasheet HTML 1Page - NEC K2364 Datasheet HTML 2Page - NEC K2364 Datasheet HTML 3Page - NEC K2364 Datasheet HTML 4Page - NEC K2364 Datasheet HTML 5Page - NEC K2364 Datasheet HTML 6Page - NEC K2364 Datasheet HTML 7Page - NEC K2364 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SK2363/2SK2364
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
20
140
160
100
TC - Case Temperature - ˚C
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
FORWARD BIAS SAFE OPERATING AREA
10
100
1 000
100
VDS - Drain to Source Voltage - V
416
812
20
80
0
40
1.0
10
0.1
60
20
60
40
80
100
120
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
20
140
160
50
TC - Case Temperature - ˚C
40
0
20
30
10
60
40
80
100
120
DRAIN CURRENT vs.
GATE TO SOURCE VOLTAGE
510
15
100
VGS - Gate to Source Voltage - V
1
10
0.1
16
12
8
4
0
Pulsed
VGS = 20 V
10 V
8 V
6 V
1
TC = 25 ˚C
Single Pulse
100
s
1 ms
10
ms
100
ms
PW
=
10
s
Power
Dissipation
Limited
RDS
(on)
Limited
(at
V
GS
=
10
V)
ID (pulse)
0
Pulsed
TA = 125 ˚C
75 ˚C
25 ˚C
–25 ˚C
ID (DC)
24



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com