Electronic Components Datasheet Search
  English  ▼

X  

LM48310 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM48310
Description  Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48310 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM48310 Datasheet HTML 6Page - Texas Instruments LM48310 Datasheet HTML 7Page - Texas Instruments LM48310 Datasheet HTML 8Page - Texas Instruments LM48310 Datasheet HTML 9Page - Texas Instruments LM48310 Datasheet HTML 10Page - Texas Instruments LM48310 Datasheet HTML 11Page - Texas Instruments LM48310 Datasheet HTML 12Page - Texas Instruments LM48310 Datasheet HTML 13Page - Texas Instruments LM48310 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LM48310
SNAS430C – NOVEMBER 2007 – REVISED JUNE 2009
www.ti.com
APPLICATION INFORMATION
GENERAL AMPLIFIER FUNCTION
The LM48310 mono Class D audio power amplifier features a filterless modulation scheme that reduces external
component count, conserving board space and reducing system cost. With no signal applied, the outputs (VOUTA
and VOUTB) switch between VDD and GND with a 50% duty cycle, in phase, causing the two outputs to cancel.
This cancellation results in no net voltage across the speaker, thus there is no current to the load in the idle
state.
With the input signal applied, the duty cycle (pulse width) of the LM48310 outputs changes. For increasing output
voltage, the duty cycle of VOUTAincreases, while the duty cycle of VOUTB decreases. For decreasing output
voltages, the converse occurs. The difference between the two pulse widths yields the differential output voltage.
ENHANCED EMISSIONS SUPPRESSION SYSTEM (E
2S)
The LM48310 features ’s patent-pending E2S system that reduces EMI, while maintaining high quality audio
reproduction and efficiency. The E2S system features a synchronizable oscillator with selectable spread
spectrum, and advanced edge rate control (ERC). The LM48310 ERC greatly reduces the high frequency
components of the output square waves by controlling the output rise and fall times, slowing the transitions to
reduce RF emissions, while maximizing THD+N and efficiency performance. The overall result of the E2S system
is a filterless Class D amplifier that passes FCC Class B radiated emissions standards with 20in of twisted pair
cable, with excellent 0.03% THD+N and high 88% efficiency.
FIXED FREQUENCY MODE (SYNC_IN = GND)
The LM48310 features two modulations schemes, a fixed frequency mode and a spread spectrum mode. Select
the fixed frequency mode by setting SYNC_IN = GND. In fixed frequency mode, the amplifier output switch at a
constant 300kHz. In fixed frequency mode, the output spectrum consists of the fundamental and its associated
harmonics (see Typical Performance Characteristics).
SPREAD SPECTRUM MODE (SYNC_IN = VDD)
The logic selectable spread spectrum mode eliminates the need for output filters, ferrite beads or chokes. In
spread spectrum mode, the switching frequency varies randomly by 30% about a 300kHz center frequency,
reducing the wideband spectral contend, improving EMI emissions radiated by the speaker and associated
cables and traces. Where a fixed frequency class D exhibits large amounts of spectral energy at multiples of the
switching frequency, the spread spectrum architecture of the LM48310 spreads that energy over a larger
bandwidth (See Typical Performance Characteristics). The cycle-to-cycle variation of the switching period does
not affect the audio reproduction, efficiency, or PSRR. Set SYNC_IN = VDD for spread spectrum mode.
EXTERNAL CLOCK MODE (SYNC_IN = CLOCK)
Connecting a clock signal to SYNC_IN synchronizes the LM48310 oscillator to an external clock, moving the
output spectral components out of a sensitive frequency band, and minimizing audible beat frequencies when
multiple LM48310s are used in a single system. The LM48310 accepts an external clock frequency between
200kHz and 1MHz. The LM48310 can be synchronized to a spread spectrum clock, allowing multiple LM48310s
to be synchronized in spread spectrum mode (see Typical Performance Characteristics).
SYNC_OUT
SYNC_OUT is a clock output for synchronizing external devices. The SYNC_OUT signal is identical in frequency
and duty cycle of the amplifier’s switching frequency. When the LM48310 is in fixed frequency mode,
SYNC_OUT is a fixed, 300kHz clock. When the LM48310 is in spread spectrum mode, SYNC_OUT is an
identical spread spectrum clock. When the LM48310 is driven by an external clock, SYNC_OUT is identical to
the external clock. If unused, leave SYNC_OUT floating.
Multiple LM48310s can be synchronized to a single clock. In Figure 27, device U1 is the master, providing a
spread spectrum clock to the slave device (U2). This configuration synchronizes the switching frequencies of the
two devices, eliminating any audible beat frequencies. Because SYNC_OUT has no audio content, there is
minimal THD+N degredation or crosstalk between the devices, Figure 28 - Figure 30.
10
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Links: LM48310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com