Electronic Components Datasheet Search
  English  ▼

X  

SD103A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SD103A
Description  SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD103A Datasheet(HTML) 1 Page - Diodes Incorporated

  SD103A Datasheet HTML 1Page - Diodes Incorporated SD103A Datasheet HTML 2Page - Diodes Incorporated SD103A Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SD103A - SD103C
SCHOTTKY BARRIER DIODE
Features
•
Low Forward Voltage Drop
•
Guard Ring Construction for Transient Protection
•
Low Reverse Recovery Time
•
Low Reverse Capacitance
•
Lead Free Finish, RoHS Compliant (Note 2)
Mechanical Data
•
Case: DO-35
•
Case Material: Glass
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Leads: Solderable per MIL-STD-202, Method
208
•
Terminals: Finish
⎯ Sn96.5Ag3.5. Solderable
per MIL-STD-202, Method 208
•
Polarity: Cathode Band
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.13 grams (approximate)
DO-35
Dim
Min
Max
A
25.40
⎯
B
⎯
4.00
C
⎯
0.60
D
⎯
2.00
All Dimensions in mm
Maximum Ratings @T
A = 25°C unless otherwise specified
Characteristic
Symbol
SD103A
SD103B
SD103C
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
30
20
V
RMS Reverse Voltage
VR(RMS)
28
21
14
V
Forward Continuous Current
IFM
350
mA
Repetitive Peak Forward Current (Note 1)
@ t
≤ 1.0s
IFRM
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3 ms Half Sine Wave
IFSM
15
A
Power Dissipation
(Note 1)
Pd
400
mW
Thermal Resistance, Junction to Ambient Air
(Note 1)
RθJA
300
°C/W
Operating Junction Temperature
Tj
125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Electrical Characteristics @T
A = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage
SD103A
(Note 3)
SD103B
SD103C
V(BR)R
40
30
20
⎯
⎯
V
IR = 100μA
Maximum Forward Voltage Drop
VFM
⎯
⎯
0.37
0.60
V
IF = 20mA
IF = 200mA
Maximum Peak Reverse Current
SD103A
(Note 3)
SD103B
SD103C
IRM
⎯
⎯
5.0
μA
VR = 30V
VR = 20V
VR = 10V
Total Capacitance
CT
⎯
50
⎯
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
⎯
10
⎯
ns
IF = IR = 50mA to 200mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
1.
Valid provided that device terminals are kept at ambient temperature.
2.
EC Directive 2002/95/EC (RoHS) revision 13.2.2003. Glass and high temperature solder exemptions applied where applicable,
see EU Directive Annex Notes 5 and 7.
3.
Short duration test pulse used to minimize self-heating effect.
DS11009 Rev. 13 - 2
1 of 3
www.diodes.com
SD103A - SD103C
© Diodes Incorporated


Similar Part No. - SD103A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD103A SEMTECH-SD103A Datasheet
194Kb / 3P
Silicon Schottky Barrier Diodes for general purpose applications?
logo
Diodes Incorporated
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
General Semiconductor
SD103A GE-SD103A Datasheet
132Kb / 3P
Schottky Diodes
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
List of Unclassifed Man...
SD103A ETC1-SD103A Datasheet
337Kb / 3P
SCHOTTKY DIODES
More results

Similar Description - SD103A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com