Electronic Components Datasheet Search
  English  ▼

X  

LME49600 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LME49600
Description  High Performance, High Fidelity, High Current Audio Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49600 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LME49600 Datasheet HTML 9Page - Texas Instruments LME49600 Datasheet HTML 10Page - Texas Instruments LME49600 Datasheet HTML 11Page - Texas Instruments LME49600 Datasheet HTML 12Page - Texas Instruments LME49600 Datasheet HTML 13Page - Texas Instruments LME49600 Datasheet HTML 14Page - Texas Instruments LME49600 Datasheet HTML 15Page - Texas Instruments LME49600 Datasheet HTML 16Page - Texas Instruments LME49600 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
IN
RS
LME49600
RL
BW
VEE
VCC
OUT
10 PF
10 PF
V-
V+
+
0.1PF
+
0.1PF
LME49600
www.ti.com
SNAS422D – JANUARY 2008 – REVISED MARCH 2008
Figure 29. Buffer Connections
OUTPUT CURRENT
The LME49600 can continuously source or sink 250mA. Internal circuitry limits the short circuit output current to
approximately ±450mA. For many applications that fully utilize the LME49600’s current source and sink
capabilities, thermal dissipation may be the factor that limits the continuous output current.
The maximum output voltage swing magnitude varies with junction temperature and output current. Using
sufficient PCB copper area as a heat sink when the metal tab of the LME49600’s surface mount TO–263
package is soldered directly to the circuit board reduces thermal impedance. This in turn reduces junction
temperature. The PCB copper area should be in the range of 3in2 (12.9cm2) to 6in2 (38.7cm2).
THERMAL PROTECTION
LME49600 power dissipated will cause the buffer’s junction temperature to rise. A thermal protection circuit in the
LME49600 will disable the output when the junction temperature exceeds 150°C. When the thermal protection is
activated, the output stage is disabled, allowing the device to cool. The output circuitry is enabled when the
junction temperature drops below 150°C.
The TO–263 package has excellent thermal characteristics. To minimize thermal impedance, its exposed die
attach paddle should be soldered to a circuit board copper area for good heat dissipation. Figure 30 shows
typical thermal resistance from junction to ambient as a function of the copper area. The TO–263’s exposed die
attach paddle is electrically connected to the VEE power supply pin.
LOAD IMPEDANCE
The LME49600 is stable under any capacitive load when driven by a source that has an impedance of 50
Ω or
less. When driving capacitive loads, any overshoot that is present on the output signal can be reduced by
shunting the load capacitance with a resistor.
OVERVOLTAGE PROTECTION
If the input-to-output differential voltage exceeds the LME49600’s Absolute Maximum Rating of 3V, the internal
diode clamps shown in Figure 1 and Figure 28 conduct, diverting current around the compound emitter followers
of Q1/Q5 (D1 – D7 for positive input), or around Q2/Q6 (D8 – D14 for negative inputs). Without this clamp, the
input transistors Q1/Q2 and Q5/Q6 will zener and damage the buffer.
To ensure that the current flow through the diodes is held to a save level, the internal 200
Ω resistor in series with
the input limits the current through these clamps. If the additional current that flows during this situation can
damage the source that drives the LME49600’s input, add an external resistor in series with the input (see
Figure 29).
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LME49600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com