Electronic Components Datasheet Search
  English  ▼

X  

LME49720 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LME49720
Description  Dual High Performance, High Fidelity Audio Operational Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49720 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LME49720 Datasheet HTML 4Page - Texas Instruments LME49720 Datasheet HTML 5Page - Texas Instruments LME49720 Datasheet HTML 6Page - Texas Instruments LME49720 Datasheet HTML 7Page - Texas Instruments LME49720 Datasheet HTML 8Page - Texas Instruments LME49720 Datasheet HTML 9Page - Texas Instruments LME49720 Datasheet HTML 10Page - Texas Instruments LME49720 Datasheet HTML 11Page - Texas Instruments LME49720 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
FREQUENCY (Hz)
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
FREQUENCY (Hz)
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
FREQUENCY (Hz)
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
FREQUENCY (Hz)
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
FREQUENCY (Hz)
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
FREQUENCY (Hz)
LME49720
SNAS393B – MARCH 2007 – REVISED OCTOBER 2007
www.ti.com
Typical Performance Characteristics (continued)
THD+N
THD+N
vs
vs
Frequency
Frequency
VCC = 15V, VEE = –15V, VOUT = 3VRMS
VCC = 12V, VEE = –12V, VOUT = 3VRMS
RL = 2kΩ
RL = 2kΩ
THD+N
THD+N
vs
vs
Frequency
Frequency
VCC = 17V, VEE = –17V, VOUT = 3VRMS
VCC = 15V, VEE = –15V, VOUT = 3VRMS
RL = 2kΩ
RL = 600Ω
THD+N
THD+N
vs
vs
Frequency
Frequency
VCC = 12V, VEE = –12V, VOUT = 3VRMS
VCC = 17V, VEE = –17V, VOUT = 3VRMS
RL = 600Ω
RL = 600Ω
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LME49720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com