Electronic Components Datasheet Search
  English  ▼

X  

B0505JS-2W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # B0505JS-2W
Description  SINGLE OUTPUT SIP PACKAGE DC-DC CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B0505JS-2W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  B0505JS-2W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B0505JS-2W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
B_JS-2W
A/2-2012
Page 2 of 2
COMMON SPECIFICATION
Item
Test condition
Min
Typ
Max
Units
Storage humidity
95
%
Operation temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
15
25
Lead temperature
1.5mm from case for 10 seconds
300
°C
Short circuit protection*
1
s
Cooling
Free air convection
Case material
Plastic (UL94-V0)
MTBF
3500
K hours
Weight
2.9
g
*Supply voltage must be discontinued at the end of short circuit duration.
TYPICAL CHARECTERISTICS
Ambient Temperature C
(
)
OUTLINE DIMENSIONS & PIN CONNECTIONS
1
5
2
6
Vin
GND
0V
+Vo
4
No Pin
Pin
F uncti on
FOOTPRINT DETAILS
∅1.00 [0.039]
N ote:
U nit:mm[inch]
Pin section tolerances:
± 0.10mm[± 0.004inch]
General tolerances:
± 0.25mm[± 0.010inch]
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT
TUBE OUTLINE DIMENSIONS
Note:
Unit :mm[inch]
General tolerances:
±0.50mm[±0.020inch]
L=530mm[20.866inch] Tube Quantity: 25pcs
L=220mm[8.661inch]
Tube Quantity: 10pcs
(Front View)
(Bottom View)
1 2
6
4
Short tube inner packaging dimensions: L*W*H=255*170*80mm;
Short tube outer packaging dimensions(with six inner packaging boxes):
:
:
L*W*H=375*280*270mm;
Long tube inner packaging dimensions: L*W*H=580*200*100mm;
Long tube outer packaging dimensions(with two inner packaging boxes)
L*W*H=600*215*220mm;
Long tube outer packaging dimensions(with three inner packaging boxes)
L*W*H=600*215*325mm.
N ote: grid 2.54*2.54mm.
9.60
[0.378]
4.90 [0.193]
19.60 [0.772]
10.00 [0.394]
4.10 [0.161]
2.54 [0.100]
0.30
[0.012]
4
1
7.00 [0.276]
0.50 [0.020]
2
0.50 [0.020]
0.90 [0.035]
6
10.16
[0.400]
APPLICATION NOTE
Requirement On Output Load
To ensure this module can operate efficiently and reliably, a minimum load is specified
for this kind of DC/DC converter in addition to a maximum load (namely full load). During
operation, make sure the specified range of input voltage is not exceeded, the minimum
output load could not be less than 10% of the full load. If the actual output power is
very small, please connect a resistor with proper resistance at the output end in parallel
to increase the load, or use our company
’s products with a lower rated output power
(B_JS
–1W Series).
Overload Protection
Under normal operating conditions, the output
circuit of these products has no protection
against
over-current
and
short-circuits.
The
simplest method is to connect a self-recovery
fuse in series at the input end or add a circuit
breaker to the circuit.
Recommended and testing circuit
If you want to further decrease the input/output
ripple, an
“LC” filtering network may be connected
to the input and output ends of the DC/DC
converter, see (Figure 1).
L
Vin
GND
+Vo
0V
DC
Cin
L
DC
Cout
(Figure 1)
It should also be noted that the inductance
and the frequency of the
“LC” filtering network
should be staggered with the DC/DC frequency
to avoid mutual interference. However, the
capacitance of the output filter capacitor must be
proper. If the capacitance is too big, a startup
problem might arise. For every channel of
output, provided the safe and reliable operation
is ensured, the recommended capacitance of its
filter capacitor sees (Table 1).
EXTERNAL CAPACITOR TABLE(TABLE 1)
Vin
(VDC)
Cin
(uF)
Single Vout
(VDC)
Cout
(uF)
5
4.7
5
10
12
2.2
12
2.2
15
2.2
15
1
It
’s not recommend to connect any external capacitor
in the application field with less than 0.5 watt output.
Output Voltage Regulation and Over-voltage
Protection Circuit
The simplest
device for
output
voltage
regulation,
over-voltage
and
over-current
protection is a linear voltage regulator with
overheat protection that is connected to the
input or output end in series (see Figure 2).
Vin
GND
0V
+Vout
DC
DC
REG
Vin
GND
0V
+Vout
DC DC
REG
(Figure 2)
No parallel connection or plug and play.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com