Electronic Components Datasheet Search
  English  ▼

X  

PCM2707C Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2707C
Description  Stereo Audio DAC with USB Interface Single-Ended Headphone Output and S/PDIF Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2707C Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM2707C Datasheet HTML 9Page - Texas Instruments PCM2707C Datasheet HTML 10Page - Texas Instruments PCM2707C Datasheet HTML 11Page - Texas Instruments PCM2707C Datasheet HTML 12Page - Texas Instruments PCM2707C Datasheet HTML 13Page - Texas Instruments PCM2707C Datasheet HTML 14Page - Texas Instruments PCM2707C Datasheet HTML 15Page - Texas Instruments PCM2707C Datasheet HTML 16Page - Texas Instruments PCM2707C Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
105
103
101
99
97
95
G013
4
4.5
5
5.5
Supply Voltage (V)
Bus-Powered
SNR
Dynamic Range
3
3.2
3.3
3.5
3.6
Supply Voltage (V)
G014
3.1
3.4
Self-Powered
105
103
101
99
97
95
SNR
Dynamic Range
105
103
101
99
97
95
-50
100
Free-Air Temperature (°C)
G011
-25
0
25
50
75
SNR
Dynamic Range
Bus-Powered
105
103
101
99
97
95
-50
100
Free-Air Temperature (°C)
G012
-25
0
25
50
75
SNR
Dynamic Range
Self-Powered
0.05
0.04
0.03
0.02
0.01
0
30
35
40
45
50
Sampling Frequency (kHz)
G009
10 kW
32 W
Bus-Powered
V
= 0 dB
OUT
0.05
0.04
0.03
0.02
0.01
0
30
35
40
45
50
Sampling Frequency (kHz)
G010
10 kW
32 W
Self-Powered
V
= 0 dB
OUT
PCM2704C, PCM2705C
PCM2706C, PCM2707C
www.ti.com
SBFS036A – AUGUST 2011 – REVISED JULY 2012
TYPICAL CHARACTERISTICS: GENERAL (continued)
All specifications at TA = +25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, and 16-bit data (unless otherwise noted).
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs SAMPLING FREQUENCY
vs SAMPLING FREQUENCY
Figure 11.
Figure 12.
DYNAMIC RANGE and SNR
DYNAMIC RANGE and SNR
vs FREE-AIR TEMPERATURE
vs FREE-AIR TEMPERATURE
Figure 13.
Figure 14.
DYNAMIC RANGE and SNR
DYNAMIC RANGE and SNR
vs SUPPLY VOLTAGE
vs SUPPLY VOLTAGE
Figure 15.
Figure 16.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): PCM2704C PCM2705C PCM2706C PCM2707C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com