Electronic Components Datasheet Search
  English  ▼

X  

STP1N105K3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP1N105K3
Description  N-channel 1050 V, 8 Ω typ., 1.4 A SuperMESH3™ Power MOSFET in TO-220FP, TO-3PF and TO-220 packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP1N105K3 Datasheet(HTML) 3 Page - STMicroelectronics

  STP1N105K3 Datasheet HTML 1Page - STMicroelectronics STP1N105K3 Datasheet HTML 2Page - STMicroelectronics STP1N105K3 Datasheet HTML 3Page - STMicroelectronics STP1N105K3 Datasheet HTML 4Page - STMicroelectronics STP1N105K3 Datasheet HTML 5Page - STMicroelectronics STP1N105K3 Datasheet HTML 6Page - STMicroelectronics STP1N105K3 Datasheet HTML 7Page - STMicroelectronics STP1N105K3 Datasheet HTML 8Page - STMicroelectronics STP1N105K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STF1N105K3, STFW1N105K3, STP1N105K3
Electrical ratings
Doc ID 023509 Rev 2
3/18
1
Electrical ratings
.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220FP
TO-3PF
TO-220
V
DS
Drain source voltage
1050
V
V
GS
Gate- source voltage
± 30
V
I
D
Drain current (continuous) at T
C
= 25 °C
1.4
(1)
1.
Limited by maximum junction temperature.
1.4
A
I
D
Drain current (continuous) at T
C
= 100 °C
0.9
(1)
0.9
A
I
DM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
5.6
(1)
5.6
A
P
TOT
Total dissipation at T
C
= 25 °C
20
60
W
I
AR
Max current during repetitive or single
pulse avalanche (pulse width limited by
T
jmax
)
1.2
A
E
AS
Single pulse avalanche energy
(starting T
J
= 25 °C, I
D
=I
IAR
, V
DD
= 50 V)
130
mJ
V
ISO
Insulation withstand voltage (RMS) from
all three leads to external heat sink
(t = 1 s; TC = 25 °C)
2500
3500
V
dv/dt
(3)
3.
I
SD
≤ 1.4 A, di/dt ≤ 100 A/μs, V
DD
= 80% V
(BR)DSS
, V
DS
peak
≤ V
(BR)DSS.
Peak diode recovery voltage slope
6
V/ns
T
j
T
stg
Operating junction temperature
Storage temperature
- 55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-220FP
TO-3PF
TO-220
Rthj-case
Thermal resistance junction-case max
6.25
2.08
°C/W
Rthj-amb
Thermal resistance junction-amb max
62.50
50
62.50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com