Electronic Components Datasheet Search
  English  ▼

X  

STP100N10F7 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP100N10F7
Description  N-channel 100 V, 0.0068 Ω typ., 80 A, STripFET™ VII DeepGATE™ Power MOSFET in D2PAK, DPAK, TO-220FP and TO-220
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP100N10F7 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP100N10F7 Datasheet HTML 3Page - STMicroelectronics STP100N10F7 Datasheet HTML 4Page - STMicroelectronics STP100N10F7 Datasheet HTML 5Page - STMicroelectronics STP100N10F7 Datasheet HTML 6Page - STMicroelectronics STP100N10F7 Datasheet HTML 7Page - STMicroelectronics STP100N10F7 Datasheet HTML 8Page - STMicroelectronics STP100N10F7 Datasheet HTML 9Page - STMicroelectronics STP100N10F7 Datasheet HTML 10Page - STMicroelectronics STP100N10F7 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DocID023737 Rev 4
7/23
STB100N10F7, STD100N10F7, STF100N10F7, STP100N10F7
Electrical characteristics
Figure 8. Output characteristics
Figure 9. Transfer characteristics
Figure 10. Normalized V(BR)DSS vs temperature
Figure 11. Static drain-source on-resistance
Figure 12. Gate charge vs gate-source voltage
Figure 13. Capacitance variations
ID
150
100
50
0
0
2
VDS(V)
4
(A)
1
3
200
250
VGS=10V
300
6V
7V
8V
9V
5V
AM15757v1
ID
150
100
50
0
VGS(V)
(A)
2
200
250
300
VDS=5V
3
4
5 6 7
8
9 10
AM15745v1
V(BR)DSS
TJ(°C)
(norm)
ID=1mA
1.02
0.98
0.96
0.94
-55
-5
-30
70
20
45
95 120
1
1.04
AM15747v1
RDS(on)
6.0
4.0
2.0
0.0
0
40
ID(A)
(m
Ω)
20
60
8.0
10.0
12.0
14.0
VGS=10V
100
80
AM15748v1
VGS
6
4
2
0
0
20
Qg(nC)
(V)
8
40
60
10
VDD=50V
ID=80A
12
AM15758v1
C
3000
2000
1000
0
0
20
VDS(V)
(pF)
10
30
Ciss
Coss
Crss
40
50 60 70 80
4000
5000
AM15759v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com