Electronic Components Datasheet Search
  English  ▼

X  

K2372 Datasheet(PDF) 3 Page - NEC

Part # K2372
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

K2372 Datasheet(HTML) 3 Page - NEC

  K2372 Datasheet HTML 1Page - NEC K2372 Datasheet HTML 2Page - NEC K2372 Datasheet HTML 3Page - NEC K2372 Datasheet HTML 4Page - NEC K2372 Datasheet HTML 5Page - NEC K2372 Datasheet HTML 6Page - NEC K2372 Datasheet HTML 7Page - NEC K2372 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SK2371/2SK2372
3
TYPICAL CHARACTERISTICS (TA = 25
°C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
20
140
160
TC - Case Temperature - (°C)
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - (V)
FORWARD BIAS SAFE OPERATING AREA
10
100
1 000
VDS - Drain to Source Voltage - (V)
0
60
40
80
100
120
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
20
140
160
150
TC - Case Temperature - (°C)
120
0
60
90
30
60
40
80
100
120
180
210
DRAIN CURRENT vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - (V)
1
1 000
10
100
0.1
1.0
Pulsed
515
10
20
15
10
5
0
8 V
6 V
5 V
VGS = 10 V
510
15
100
1
10
0.1
0
VDS = 10 V
Pulsed
Tch = 125 °C
75 °C
25 °C
–25 °C
100
80
60
40
20
ID (pulse)
TA = 25 °C
Single Pulse
PW
=
10
s
100
s
RDS
(on)
Limited
( VGS
= 10
V)
Power
Dissipation
Limitd
10
ms
1 ms
2SK2371
2SK2372
ID (DC)
ID (DC)
µ
µ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com