Electronic Components Datasheet Search
  English  ▼

X  

L6386ADTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6386ADTR
Description  High voltage high and low-side driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6386ADTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6386ADTR Datasheet HTML 2Page - STMicroelectronics L6386ADTR Datasheet HTML 3Page - STMicroelectronics L6386ADTR Datasheet HTML 4Page - STMicroelectronics L6386ADTR Datasheet HTML 5Page - STMicroelectronics L6386ADTR Datasheet HTML 6Page - STMicroelectronics L6386ADTR Datasheet HTML 7Page - STMicroelectronics L6386ADTR Datasheet HTML 8Page - STMicroelectronics L6386ADTR Datasheet HTML 9Page - STMicroelectronics L6386ADTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
L6386AD
6/15
DocID14914 Rev 2
3
Electrical characteristics
3.1
AC operation
3.2
DC operation
Table 6. AC operation electrical characteristics (VCC = 15 V; TJ = 25 °C)
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max.
Unit
ton
1, 3 vs. 9, 13
High/low-side driver turn-on
propagation delay
Vout = 0 V
110
150
ns
toff
High/low-side driver turn-off
propagation delay
110
150
ns
tsd
2 vs. 9,13
Shutdown to high/low-side
propagation delay
105
150
tr
9, 13
Rise time
CL = 1000 pF
50
ns
tf
Fall time
CL = 1000 pF
30
ns
Table 7. DC operation electrical characteristics (VCC = 15 V; TJ = 25 °C)
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max.
Unit
Low supply voltage section
Vccth1
4
Vcc UV turn-on threshold
9.1
9.6
10.1
V
Vccth2
Vcc UV turn-off threshold
7.9
8.3
8.8
V
Vcchys
Vcc UV hysteresis
1.3
V
Iqccu
Undervoltage quiescent supply
current
Vcc 9 V
200
A
Iqcc
Quiescent current
Vcc = 15 V
250
320
A
Bootstrapped supply section
Vbth1
14
Vboot UV turn-on threshold
8.5
9.5
10.5
V
Vbth2
Vboot UV turn-off threshold
7.2
8.2
9.2
V
Vbhys
Vboot UV hysteresis
1.3
V
Iqboot
Vboot quiescent current
HVG ON
200
A
Ilk
High voltage leakage current
Vhvg = Vout = Vboot =
600 V
10
A
RDS(on)
Bootstrap driver on-resistance(1)
Vcc 12.5 V VIN = 0 V
125
Driving buffers section
Iso
9, 13
High/low-side source short-circuit
current
VIN = Vih (tp < 10 s)
300
400
mA
Isi
9, 13
High/low-side sink short-circuit
current
VIN = Vil (tp < 10 s)
500
650
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com