Electronic Components Datasheet Search
  English  ▼

X  

SF2155B Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # SF2155B
Description  153.6 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2155B Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  SF2155B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2155B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2155B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2155B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2155B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SF2155B Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 6
©2009 by RF Monolithics, Inc.
SF2155B - 11/3/09
SF2155B Input/Output Impedance Plots and Amplitude Response
SF2155B Broadband Amplitude Response
CH1
S11
1 U FS
CEN TR
153 . 600
MH z
SPAN
100 . 000
MHz
Cor
CH2
S21
LOG
10 dB/
R EF - 40 dB
C ENTER
153
. 600
000
MHz
SPAN
100 . 000
000
MH z
Cor
C H3
S22
1 U FS
CENTR
153 . 600
MHz
SPAN
100
. 000
MHz
Cor
12 Aug 2 008 16:07:35
1
1: 80 . 125
-35
. 660
29 . 057
pF
153
. 600
000
MHz
1
2
3
4
1 : 0. 0000
dB
0. 000
000
MH z
Max
REF=1
CH 2
Mar kers
BW :
22 . 092079
MHz
c ent
:
153 . 687617
MH z
Q: 6. 9567
1_ loss
: -8 . 4085
dB
1
1: 24 . 132
-1 . 1670
887 . 89
pF
153
. 600
000
MHz
SF2155B
Full
Full
CH 2
S21
LOG
10 d B/
R EF - 40 dB
ST ART
50 . 000
000
MH z
STOP
1
00 0
. 00 0
00 0
MHz
Cor
12 Aug 2008 16:13:15
1
1 : - 9 . 4 593
d B
154
. 272
5 00
MH z
CH2
Ma rk er s
mean
: -73
. 774
dB
s . dev
: 12 . 935
dB
p -p
: 86 . 291
dB
SF21 55B
Resp



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com