Electronic Components Datasheet Search
  English  ▼

X  

ADC12DL065 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL065
Description  Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL065 Datasheet(HTML) 3 Page - Texas Instruments

  ADC12DL065 Datasheet HTML 1Page - Texas Instruments ADC12DL065 Datasheet HTML 2Page - Texas Instruments ADC12DL065 Datasheet HTML 3Page - Texas Instruments ADC12DL065 Datasheet HTML 4Page - Texas Instruments ADC12DL065 Datasheet HTML 5Page - Texas Instruments ADC12DL065 Datasheet HTML 6Page - Texas Instruments ADC12DL065 Datasheet HTML 7Page - Texas Instruments ADC12DL065 Datasheet HTML 8Page - Texas Instruments ADC12DL065 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Output
Buffers
MUX
Duty Cycle
Stabilizer
Digital
Correction
Output
Buffers
Digital
Correction
12
OEA
OEB
DB1-DB11
12
11
DA0-DA11 or
D0-D11 (MUX)
DB0/ABb
21
2
Stage 1
Stage 10
Stage 9
Stage 8
Stage 3
Stage 2
S/H
Timing
Control
2
10-Stage Pipeline Converter
2
2
2
3
2
2
2
2
2
2
2
Stage 1
Stage 10
Stage 9
Stage 8
Stage 3
Stage 2
S/H
Timing
Control
2
10-Stage Pipeline Converter
2
2
2
3
2
2
2
2
2
2
2
Internal
Reference
Reference
Select
2
MULTIPLEX
21
12
VINA+
VINA-
VINB-
VINB+
VRPA
VRMA
VRNA
VRPB
VRMB
VRNB
CLK
VREF
ADC12DL065
www.ti.com
SNAS249C – MARCH 2005 – REVISED MAY 2005
Block Diagram
Copyright © 2005, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC12DL065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com