Electronic Components Datasheet Search
  English  ▼

X  

PR1001G Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PR1001G
Description  1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PR1001G Datasheet(HTML) 3 Page - Diodes Incorporated

  PR1001G Datasheet HTML 1Page - Diodes Incorporated PR1001G Datasheet HTML 2Page - Diodes Incorporated PR1001G Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS27001 Rev. 9 - 2
3 of 3
www.diodes.com
PR1001G - PR1007G
© Diodes Incorporated
Ordering Information (Note 6)
Device
Packaging
Shipping
PR1001G-T
DO-41
5K/Tape & Reel, 13-inch
PR1002G-T
DO-41
5K/Tape & Reel, 13-inch
PR1003G-T
DO-41
5K/Tape & Reel, 13-inch
PR1004G-T
DO-41
5K/Tape & Reel, 13-inch
PR1005G-T
DO-41
5K/Tape & Reel, 13-inch
PR1006G-T
DO-41
5K/Tape & Reel, 13-inch
PR1007G-T
DO-41
5K/Tape & Reel, 13-inch
Notes:
6. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com