Electronic Components Datasheet Search
  English  ▼

X  

PQ1R34 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ1R34
Description  Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1R34 Datasheet(HTML) 1 Page - Sharp Corporation

  PQ1R34 Datasheet HTML 1Page - Sharp Corporation PQ1R34 Datasheet HTML 2Page - Sharp Corporation PQ1R34 Datasheet HTML 3Page - Sharp Corporation PQ1R34 Datasheet HTML 4Page - Sharp Corporation PQ1R34 Datasheet HTML 5Page - Sharp Corporation PQ1R34 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Low Power-Loss Voltage Regulators
PQ1R30 Series
I Features
G
Compact surface mount package(3.4 x 2.2 x 1.2mm)
G
Low power-loss
(Dropout voltage: TYP.0.16V/MAX. 0.26V at Io=60mA)
G
High ripple rejection(TYP.55dB)
G
Low current operation type
(Dissipation current at no load: TYP. 170µA)
G
Built-in ON/OFF control function
(Dissipation current at OFF-state: MAX. 0.1µA)
G
Overcurrent, overheat protection functions
I Applications
G
Cellular phones
G
Cordless phones
G
Personal information tools(PDA)
G
Cameras/Camcoders
G
PCMCIA cards for notebook PCs
I Model Line-ups
I Outline Dimensions
(Unit : mm)
Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
• Please refer to the chapter " Handling Precautions ".
PQ1R30 Series
Output Voltage
2.2V
2.5V
2.7V
2.8V
2.9V
3.0V
3.1V
3.3V
Model No.
PQ1R22
PQ1R25
PQ1R27
PQ1R28
PQ1R29
PQ1R30
PQ1R31
PQ1R33
Output Voltage
3.4V
3.6V
3.8V
4.0V
4.7V
4.9V
5.0V
5.2V
Model No.
PQ1R34
PQ1R36
PQ1R38
PQ1R40
PQ1R47
PQ1R49
PQ1R50
PQ1R52
❇ It is available for every 0.1V(1.8V to 5.5V)
I Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
16
16
240
400
150
–30 to +80
–55 to +150
260 (For 10s)
V
V
mA
mW
˚C
˚C
˚C
˚C
❇1
❇1
❇2
❇3
❇1 All are open except GND and applicable terminals.
❇2 At mounted on PCB
❇3 Overheat protection may operate at 125<=Tj<=150˚C.
(Ta=25˚C)
Input voltage
VIN
ON/OFF control terminal voltage
Vc
Output current
Io
Power dissipation
PD
Junction temperature
Tj
Operating temperature
Topr
Storage temperature
Tstg
Soldering temperature
Tsol
1
6
65
4
12
3
1
4
3
25
2
3
4
6
5
DC output (Vo)
DC input (VIN)
GND
Noise reduction (Nr)
ON/OFF control terminal(Vc)
Specific IC
(0.95) (0.95)
6–0.32
±0.1
3.8MAX
(3.4)
2.2
±0.2
3.3
±0.3
0.2MIN 0.2MIN
( ) :Typical dimensions
1 R 3 0
Internal connection diagram
Notice
In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet Internet address for Electronic Components Group http://sharp-world.com/ecg/


Similar Part No. - PQ1R34

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1R34 SHARP-PQ1R34 Datasheet
74Kb / 6P
Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ1R34

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ7VZ5 SHARP-PQ7VZ5 Datasheet
43Kb / 5P
Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1KAXX3MZPH SHARP-PQ1KAXX3MZPH Datasheet
138Kb / 4P
Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1KXX3M2ZP SHARP-PQ1KXX3M2ZP Datasheet
57Kb / 5P
Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1LXX3M2SP SHARP-PQ1LXX3M2SP Datasheet
73Kb / 5P
Compact Surface Mount Type, Low Output Current, Low Power-Loss Voltage Regulators
PQ1R30 SHARP-PQ1R30_02 Datasheet
74Kb / 6P
Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1UXX1M2ZPH SHARP-PQ1UXX1M2ZPH Datasheet
202Kb / 4P
Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1XXX1M2ZPH SHARP-PQ1XXX1M2ZPH Datasheet
161Kb / 4P
Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LA153MSPQ SHARP-PQ1LA153MSPQ Datasheet
133Kb / 4P
Compact Surface Mount Type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com