Electronic Components Datasheet Search
  English  ▼

X  

PQ1R18 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ1R18
Description  Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1R18 Datasheet(HTML) 2 Page - Sharp Corporation

  PQ1R18 Datasheet HTML 1Page - Sharp Corporation PQ1R18 Datasheet HTML 2Page - Sharp Corporation PQ1R18 Datasheet HTML 3Page - Sharp Corporation PQ1R18 Datasheet HTML 4Page - Sharp Corporation PQ1R18 Datasheet HTML 5Page - Sharp Corporation PQ1R18 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Low Power-Loss Voltage Regulators
PQ1R30 Series
I Electrical Characteristics
Dropout voltage
ON-state voltage for control
ON-state current for control
OFF-state voltage for control
Quiescent current
Output OFF-state dissipation current
Response time(Rise time)
Noise control terminal voltage
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output voltage
––
V
––
IO=5mA to 60mA
IO=5mA to 100mA
IO=5mA to 150mA
IO=60mA, ❇6
IO=0mA
❇5
mV
10Hz<f<100kHz, Cn=0.1
µF, IO=30mA
IO=10mA, Tj=–25 to +75˚C
Vi=VO(TYP)+1V to VO(TYP)+6V
mV/˚C
––
dB
IO=150mA, ❇6
µV
❇7
V
––
––
––
V
IO=30mA, VC=0
➝1.8V
ms
V
VC=1.8V
VIN=8V, VC=0.4V
µA
V
µA
µA
mA
mA
mV
❇4 VIN=Vo (TYP)+1.0V
❇5 Output current shall be the value when output voltage lowers 0.3V from the voltage at Io=30mA.
❇6 Dropout voltage when output voltage lowers 5% from the voltage at VIN=Vo+1V.
❇7 In case that the control terminal
is non-connection, output voltage should be OFF-state.
❇8 In case of PQ1R13, PQ1R15, PQ1R18, VIN minimum=2.3V
(Unless otherwise specified, ❇4 Io=30mA, Vc=1.8V, Ta=25˚C)
180
––
––
––
––
––
––
––
––
––
1.8
––
––
––
––
––
––
Refer to the following table.
240
––
10
20
40
3.0
0.05
55
Refer to the following table.
0.16
0.29
––
12
––
170
––
0.3
1.25
––
150
50
100
160
20
––
––
0.26
0.4
––
30
0.6
350
0.1
––
––
VO
IO
––
RegL
RegI
TCVO
RR
Vno(rms)
Vi-O(1)
Vi-O(2)
VC(ON)
IC(ON)
VC(OFF)
Iq
Iqs
Tr
––
Output current
Recommended output current
Load regulation
Line regulation
Temperature coefficient of output voltage
Ripple rejection
Output noise voltage
1
I Output Voltage Line-ups
I Output Noise Voltage Line-ups
Model No.
Symbol
MIN.
TYP.
MAX.
Unit
V
(VIN=Vo(TYP)+1.0V, Io=30mA, Vc=1.8V, Ta=25˚C)
1.220
1.420
1.720
2.120
2.420
2.620
2.720
2.820
2.920
3.020
3.120
3.215
3.315
3.410
3.510
3.605
3.705
3.900
4.095
4.580
4.775
4.875
5.070
1.3
1.5
1.8
2.2
2.5
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
4.0
4.2
4.7
4.9
5.0
5.2
1.380
1.580
1.800
2.280
2.580
2.780
2.880
2.980
3.080
3.180
3.280
3.385
3.485
3.590
3.690
3.795
3.895
4.100
4.305
4.820
5.025
5.125
5.330
VO
PQ1R13
PQ1R15
PQ1R18
PQ1R22
PQ1R25
PQ1R27
PQ1R28
PQ1R29
PQ1R30
PQ1R31
PQ1R32
PQ1R33
PQ1R34
PQ1R35
PQ1R36
PQ1R37
PQ1R38
PQ1R40
PQ1R42
PQ1R47
PQ1R49
PQ1R50
PQ1R52
Model No.
Symbol
MIN.
TYP.
MAX.
Unit
µV
(VIN=Vo(TYP)+1.0V, Io=30mA, Vc=1.8V, Cn=0.1
µF, 10Hz<f<100kHz, Ta=25˚C)
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
15
30
15
20
25
25
25
25
30
30
30
30
30
40
35
30
35
40
30
45
45
50
50
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
Vno(rms)
PQ1R13
PQ1R15
PQ1R18
PQ1R22
PQ1R25
PQ1R27
PQ1R28
PQ1R29
PQ1R30
PQ1R31
PQ1R32
PQ1R33
PQ1R34
PQ1R35
PQ1R36
PQ1R37
PQ1R38
PQ1R40
PQ1R42
PQ1R47
PQ1R49
PQ1R50
PQ1R52



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com