Electronic Components Datasheet Search
  English  ▼

X  

AM1707 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AM1707
Description  Microprocessor
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1707 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AM1707 Datasheet HTML 17Page - Texas Instruments AM1707 Datasheet HTML 18Page - Texas Instruments AM1707 Datasheet HTML 19Page - Texas Instruments AM1707 Datasheet HTML 20Page - Texas Instruments AM1707 Datasheet HTML 21Page - Texas Instruments AM1707 Datasheet HTML 22Page - Texas Instruments AM1707 Datasheet HTML 23Page - Texas Instruments AM1707 Datasheet HTML 24Page - Texas Instruments AM1707 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 201 page
background image
AM1707
www.ti.com
SPRS637E – FEBRUARY 2010 – REVISED JUNE 2014
3.6.9
Enhanced Quadrature Encoder Pulse Module (eQEP)
Table 3-11. Enhanced Quadrature Encoder Pulse Module (eQEP) Terminal Functions
PIN
No.
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
ZKB
eQEP0
EQEP0A quadrature
SPI0_ENA/UART0_CTS/EQEP0A/GP5[3]/BOOT[3]
R5
I
IPU
input
SPIO, UART0, GPIO,
BOOT
EQEP0B quadrature
SPI0_SCS[0]/UART0_RTS/EQEP0B/GP5[4]/BOOT[4]
N4
I
IPU
input
SPI0_SOMI[0]/EQEP0I/GP5[0]/BOOT[0]
R6
I
IPD
eQEP0 index
SPI1, GPIO, BOOT
SPI0_SIMO[0]/EQEP0S/GP5[1]/BOOT[1]
P6
I
IPD
eQEP0 strobe
eQEP1
eQEP1 quadrature
AXR1[3]/EQEP1A/GP4[3]
P1
I
IPD
input
McASP1, GPIO
eQEP1 quadrature
AXR1[4]/EQEP1B/GP4[4]
N2
I
IPD
input
SPI0_CLK/EQEP1I/GP5[2]/BOOT[2]
T5
I
IPD
eQEP1 index
SPI1, GPIO, BOOT
SPI1_CLK/EQEP1S/GP5[7]/BOOT[7]
T6
I
IPD
eQEP1 strobe
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (i.e., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
Copyright © 2010–2014, Texas Instruments Incorporated
Device Overview
21
Submit Documentation Feedback
Product Folder Links: AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com