Electronic Components Datasheet Search
  English  ▼

X  

BFS17L Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BFS17L
Description  SOT23 NPN SILICON PLANAR RF TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BFS17L Datasheet(HTML) 1 Page - Zetex Semiconductors

  BFS17L Datasheet HTML 1Page - Zetex Semiconductors BFS17L Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C
SOT23 NPN SILICON PLANAR
RF TRANSISTORS
ISSUE 4 – MARCH 2001
PARTMARKING DETAILS —
BFS17L - E1L
BFS17H - E1H
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
25
V
Collector-Emitter Voltage
VCEO
15
V
Emitter-Base Voltage
VEBO
2.5
V
Peak Pulse Current
ICM
50
mA
Continuous Collector Current
IC
25
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector Cut-Off
Current
ICBO
10
10
nA
µA
VCB=10V, IE=0
VCB=10V, IE=0,
Tamb = 100°C
Static Forward Current
Transfer Ratio
hFE
BFS17L
25
100
IC=2.0mA, VCE=1.0V
BFS17H
70
200
IC=2.0mA, VCE=1.0V
20
125
IC=25mA, VCE=1.0V
Transition
Frequency
fT
1.0
1.3
GHz
GHz
IC=2.0mA, VCE=5.0V
f=500MHz
IC=25mA, VCE=5.0V
f=500MHz
Feedback Capacitance
-Cre
0.85
pF
IC=2.0mA, VCE=5V, f=1MHz
Output Capacitance
Cobo
1.5
pF
VCB=10V, f=1MHz
Input Capacitance
Cibo
2.0
pF
VEB=0.5V, f=1MHz
Noise Figure
N
4.5
dB
IC=2.0mA, VCE=5.0V
RS=50Ω, f=500MHz
Intermodulation
Distortion
dim
-45
dB
IC=10mA, VCE=6.0V
RL=37.5Ω,Tamb=25°C
Vo=100mV at fp=183MHz
Vo=100mV at fq=200MHz
measured at f(2q-p)=217MHz
BFS17L
BFS17H
B
E
Spice parameter data is available upon request for this device
TBA
BFS17H and BFS17L are Obsolete
Please Use BFS17N


Similar Part No. - BFS17L

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BFS17L ZETEX-BFS17L Datasheet
44Kb / 2P
NPN SILICON PLANAR RF TRANSISTORS
logo
Diodes Incorporated
BFS17L DIODES-BFS17L Datasheet
50Kb / 2P
SOT23 NPN SILICON PLANAR RF TRANSISTORS
MARCH 2001
logo
Motorola, Inc
BFS17LT1 MOTOROLA-BFS17LT1 Datasheet
52Kb / 2P
RF TRANSISTOR NPN SILICON
More results

Similar Description - BFS17L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMMT2222 ETC-FMMT2222 Datasheet
42Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Zetex Semiconductors
FMMT3903 ZETEX-FMMT3903 Datasheet
46Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
FMMT2222 ZETEX-FMMT2222 Datasheet
45Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Diodes Incorporated
FMMTA12 DIODES-FMMTA12 Datasheet
48Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
DECEMBER 1996
BCV27 DIODES-BCV27 Datasheet
54Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
SEPTEMBER 1995
BFS17L DIODES-BFS17L Datasheet
50Kb / 2P
SOT23 NPN SILICON PLANAR RF TRANSISTORS
MARCH 2001
FMMT2222 DIODES-FMMT2222 Datasheet
46Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
FEBRUARY 1996
logo
List of Unclassifed Man...
FMMTA13TA ETC2-FMMTA13TA Datasheet
48Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
FMMTA14TA ETC2-FMMTA14TA Datasheet
48Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Zetex Semiconductors
BCV47 ZETEX-BCV47 Datasheet
253Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com