Electronic Components Datasheet Search
  English  ▼

X  

ERC04F Datasheet(PDF) 1 Page - Fuji Electric

Part # ERC04F
Description  GENERAL USE RECTIFIER DIODE(200V to 400V / 1.5A )
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ERC04F Datasheet(HTML) 1 Page - Fuji Electric

  ERC04F Datasheet HTML 1Page - Fuji Electric ERC04F Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ERC04(F) (1.5A)
(200V to 400V / 1.5A )
GENERAL USE RECTIFIER DIODE
Outline drawings, mm
Features
Compact size, light weight
High reliability
Applications
General purpose rectifier applications
Maximum ratings and characteristics
Absolute maximum ratings
Item
Repetitive peak reverse voltage
Average foeward current
Surge current
Operating junction temperature
Storage temperature
Symbol
VRRM
IF(AV)
IFSM
Tj
Tstg
Conditions
Sine wave 10ms
100
-40 to +140
-40 to +140
Unit
V
A
A
°C
°C
Electrical characteristics (Ta=25°C Unless otherwise specified )
Item
Forward voltage drop
Reverse current
Symbol
VFM
IRRM
Conditions
Tj=25°C IFM=4.0A
Tj=25°C VR=VRRM
Max.
1.1
10
Unit
V
µA
Resistive load Ta=40°C
Marking
Voltage class
Lot No.
Cathode mark
Color code : Orange
Rating
200
400
-02F
-04F
1.5
7.5
28 MIN.
28 MIN.
ø 4.0
ø 1.0
Abridged type name


Similar Part No. - ERC04F

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ERC04 FUJI-ERC04 Datasheet
41Kb / 3P
GENERAL USE RECTIFIER DIODE
ERC04 FUJI-ERC04 Datasheet
38Kb / 2P
GENERAL USE RECTIFIER DIODE
logo
Diode Semiconductor Kor...
ERC04-02 DSK-ERC04-02 Datasheet
254Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
ERC04-02 LUGUANG-ERC04-02 Datasheet
1Mb / 2P
Plastic Silicon Rectifiers
logo
Galaxy Semi-Conductor H...
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
PLASTIC SILICON RECTIFIER
More results

Similar Description - ERC04F

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ERA17 FUJI-ERA17 Datasheet
38Kb / 2P
GENERAL USE RECTIFIER DIODE
ERB12 FUJI-ERB12 Datasheet
63Kb / 4P
GENERAL USE RECTIFIER DIODE
ERC01F FUJI-ERC01F Datasheet
40Kb / 3P
GENERAL USE RECTIFIER DIODE
ERC04 FUJI-ERC04 Datasheet
41Kb / 3P
GENERAL USE RECTIFIER DIODE
ERC13 FUJI-ERC13 Datasheet
41Kb / 3P
GENERAL USE RECTIFIER DIODE
ERC30 FUJI-ERC30 Datasheet
43Kb / 2P
FAST RECOVERY DIODE( 100 to 200V / 1.5A )
ERD03 FUJI-ERD03 Datasheet
40Kb / 3P
GENERAL USE RECTIFIER DIODE
logo
Hitachi Semiconductor
DSM1D HITACHI-DSM1D Datasheet
60Kb / 3P
GENERAL-USE RECTIFIER DIODE
DSA3A HITACHI-DSA3A Datasheet
52Kb / 3P
GENERAL-USE RECTIFIER DIODE
DSM3MA HITACHI-DSM3MA Datasheet
42Kb / 3P
GENERAL-USE RECTIFIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com