Electronic Components Datasheet Search
  English  ▼

X  

DP83848M Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848M
Description  PHYTER Mini - Commercial Temperature Single 10/100 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848M Datasheet(HTML) 2 Page - Texas Instruments

  DP83848M Datasheet HTML 1Page - Texas Instruments DP83848M Datasheet HTML 2Page - Texas Instruments DP83848M Datasheet HTML 3Page - Texas Instruments DP83848M Datasheet HTML 4Page - Texas Instruments DP83848M Datasheet HTML 5Page - Texas Instruments DP83848M Datasheet HTML 6Page - Texas Instruments DP83848M Datasheet HTML 7Page - Texas Instruments DP83848M Datasheet HTML 8Page - Texas Instruments DP83848M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 83 page
background image
© 2008 National Semiconductor Corporation
www.national.com
DP83848M PHYTER
® Mini - Commercial Temperature
Single 10/100 Ethernet Transceiver
May 2008
Features
• Low-power 3.3V, 0.18
µm CMOS technology
• Auto-MDIX for 10/100 Mb/s
• Energy Detection Mode
• 3.3V MAC Interface
• RMII Rev. 1.2 Interface (configurable)
• MII Interface
• MII serial management interface (MDC and MDIO)
• IEEE 802.3u Auto-Negotiation and Parallel Detection
• IEEE 802.3u ENDEC, 10BASE-T transceivers and filters
• IEEE 802.3u PCS, 100BASE-TX transceivers and filters
• Integrated ANSI X3.263 compliant TP-PMD physical sub-
layer with adaptive equalization and Baseline Wander
compensation
• Error-free Operation up to 137 meters
• ESD protection - 4KV Human body model
• Configurable LED for link and activity
• Supports system clock from oscillator
• Single register access for complete PHY status
• 10/100 Mb/s packet BIST (Built in Self Test)
• 40 pin LLP package (6mm) x (6mm) x (0.8mm)
General Description
The DP83848M PHYTER Mini addresses the quality, reli-
ability and small form factor required for space sensitive
applications in embedded systems.
The device offers performance far exceeding the IEEE
specifications, with superior interoperability and industry
leading performance beyond 137m of Cat-V cable. The
DP83848M also offers Auto-MDIX to remove cabling com-
plications. DP83848M has superior ESD protection,
greater than 4KV Human Body Model, providing extremely
high reliability and robust operation, ensuring a high level
performance in all applications.
National’s DP83848M incorporates a number of system
cost-reducing features not found on other supplier’s Physi-
cal layer products. For example, the DP83848M incorpo-
rates a 25MHz clock out that eliminates the need and
hence the space and cost, of an additional Media Access
Control (MAC) clock source component. In addition, both
MII and RMII are supported ensuring ease and flexibility of
design.
The DP83848M is offered in a tiny 6mm x 6mm LLP 40-pin
package and is ideal for industrial controls, building/factory
automation, transportation, test equipment and wireless
base stations.
Applications
• Peripheral devices
• Mobile devices
• Factory and building automation
• Base stations
System Diagram
Status
10BASE-T
or
100BASE-TX
MII/RMII
Typical Ethernet Application
Clock
LED
DP83848M
10/100 Ethernet
Transceiver
MPU/CPU
Source
PHYTER® is a registered trademark of National Semiconductor Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com