Electronic Components Datasheet Search
  English  ▼

X  

ERC20M Datasheet(PDF) 2 Page - Fuji Electric

Part # ERC20M
Description  FAST RECOVERY DIODE( 200V to 800V / 5A )
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ERC20M Datasheet(HTML) 2 Page - Fuji Electric

  ERC20M Datasheet HTML 1Page - Fuji Electric ERC20M Datasheet HTML 2Page - Fuji Electric ERC20M Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ERC20M(5A)
(200V to 800V / 5A )
Characteristics
Forward characteristics
VF [V]
Reverse characteristics
VR [V]
IF
[A]
IR
[µA]
Output current-case temperature
TC
[°C]
IO [A]
Junction capacitance characteristics
Cj
[pF]
VR [V]
0
100
200
300
100
50
30
10
5
3
30
50
100
300 500
1000
Reverse characteristics
VR [V]
IR
[µA]
300
100
50
30
10
5
3
1
0.5
0.3
0.1
Forward power dissipation
wF
[W]
IF(AV) [A]
8
7
6
5
4
3
2
1
0
0
1
2
3
4
5
30
10
5
3
1
0.5
0.3
0.1
0.2 0.4
0.6
0.8 1.0
1.2
1.4
1.6
100
50
30
10
5
3
1
0.5
0.3
0.1
0.05
0.03
0
200 300
400
500 600 700 800
0
1
2
3
4
5
6
7
8
140
120
100
80
60



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com