Electronic Components Datasheet Search
  English  ▼

X  

ERC30 Datasheet(PDF) 1 Page - Fuji Electric

Part # ERC30
Description  FAST RECOVERY DIODE( 100 to 200V / 1.5A )
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ERC30 Datasheet(HTML) 1 Page - Fuji Electric

  ERC30 Datasheet HTML 1Page - Fuji Electric ERC30 Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ERC30 (1.5A)
( 100 to 200V / 1.5A )
FAST RECOVERY DIODE
Outline drawings, mm
Features
Super high speed switching
Low VF in turn on
High reliability
Applications
High speed switching
Maximum ratings and characteristics
Absolute maximum ratings
Item
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
Average forward current
Surge current
Operating junction temperature
Storage temperature
Symbol
VRRM
VRSM
IF(AV)
IFSM
Tj
Tstg
Conditions
Sine wave 10ms
60
-40 to +150
-40 to +150
Unit
V
V
A
A
°C
°C
Electrical characteristics (Ta=25°C Unless otherwise specified )
Item
Forward voltage drop
Reverse current
Reverse recovery time
Symbol
VFM
IRRM
t rr
Conditions
IFM=1.5A
VR=VRRM
IF=0.1A, IR=0.1A
10
50
100
Unit
V
µA
ns
Resistive load (Ta =40°C)
Marking
Voltage class
Lot No.
Cathode mark
Color code : Orange
Rating
-01
-02
1.5
Abridged type name
100
200
Max.
0.92
100
200
-01
-02
7.5
28 MIN.
28 MIN.
ø4.0
ø1.0
···
Lot No.division mark


Similar Part No. - ERC30

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
ERC30-01 BILIN-ERC30-01 Datasheet
87Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Diode Semiconductor Kor...
ERC30-01 DSK-ERC30-01 Datasheet
287Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
logo
Shenzhen Luguang Electr...
ERC30-01 LUGUANG-ERC30-01 Datasheet
1Mb / 2P
High Efficiency Rectifier
logo
EIC discrete Semiconduc...
ERC30-01 EIC-ERC30-01 Datasheet
78Kb / 2P
FAST RECOVERY RECTIFIER DIODES
Rev. 02 : March 25, 2005
logo
Galaxy Semi-Conductor H...
ERC30-02 BILIN-ERC30-02 Datasheet
87Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results

Similar Description - ERC30

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D2FL20U SHINDENGEN-D2FL20U Datasheet
449Kb / 7P
Super Fast Recovery Rectifiers(200V 1.5A)
D2L20U SHINDENGEN-D2L20U Datasheet
443Kb / 7P
Super Fast Recovery Rectifiers(200V 1.5A)
S2L20U SHINDENGEN-S2L20U Datasheet
376Kb / 6P
Super Fast Recovery Rectifiers(200V 1.5A)
logo
Fuji Electric
ERC20 FUJI-ERC20 Datasheet
81Kb / 3P
FAST RECOVERY DIODE( 200V to 800V / 5A )
ERC20M FUJI-ERC20M Datasheet
80Kb / 3P
FAST RECOVERY DIODE( 200V to 800V / 5A )
ERD32 FUJI-ERD32 Datasheet
42Kb / 2P
FAST RECOVERY DIODE( 100 to 200V / 3A )
ERD38 FUJI-ERD38 Datasheet
53Kb / 2P
FAST RECOVERY DIODE( 400 to 600V / 1.5A )
logo
Won-Top Electronics
FR151 WTE-FR151_06 Datasheet
55Kb / 4P
1.5A FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
FR151 ZSELEC-FR151 Datasheet
128Kb / 2P
1.5A FAST RECOVERY DIODE
PR1501 ZSELEC-PR1501 Datasheet
135Kb / 2P
1.5A FAST RECOVERY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com