Electronic Components Datasheet Search
  English  ▼

X  

B32021 Datasheet(PDF) 2 Page - EPCOS

Part # B32021
Description  EMI Suppression Capacitors (MKP)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32021 Datasheet(HTML) 2 Page - EPCOS

  B32021 Datasheet HTML 1Page - EPCOS B32021 Datasheet HTML 2Page - EPCOS B32021 Datasheet HTML 3Page - EPCOS B32021 Datasheet HTML 4Page - EPCOS B32021 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EMI suppression capacitors (MKP)
B3202* Series
Y2 / 300 V AC
Typical applications
Dimensional drawing
Y2 class for interference suppression
“Line to ground” applications.
Climatic
Maximum operating temperature of 110ºC
Climatic category (IEC 60068-1): 40/110/56
Construction
Dielectric: Polypropylene (MKP)
Plastic case (UL 94 V-0)
Epoxy resin sealing (UL 94 V-0)
Features
Very small dimensions
Good self-healing properties
High voltage capability
Terminals
Dimensions in mm
Lead spacing
±0.4 (mm)
Lead diameter
d1 (mm)
Type
10
0.6
B32021
15
... 27.5
0.8
B32022 ... 24
37.5
1.0
B32026
Parallel wire leads, lead-free tinned.
Standard lead lengths: 6-1mm.
Marking example:
Special lead lengths are available on request.
Marking
Manufacturer’s logo and lot number,
date code, rated capacitance (coded),
capacitance tolerance (code letter) and
rated ac voltage (IEC)
Series number, sub-class (Y2),
dielectric code (MKP), climatic category,
passive flammability category, approvals.
Delivery mode
Bulk (untaped)
Taped (Ammo pack or Reel)
Technical data
Rated AC voltage ( IEC 60384-14 )
300 V (50/60 Hz)
Maximum continuous DC voltage (V DC)
1500 V
Maximum continuous AC voltage (V AC)
480 V (50/60 Hz)
Maximum operating temperature TOp,max
+110 ºC
DC test voltage
4000 V (C ≤ 0.33 µF), 3700 V (C > 0.33 µF), 2 s
C ≤ 0.33 µF
C > 0.33 µF
Dissipation factor tan
δ (in 10 -3 ) at 20 °C,
(upper limit values)
At 1 kHz
1
1
CR ≤ 0.33 µF
CR > 0.33 µF
Insulation resistance Rins or time constant
τ = CR ⋅ Rins at 100 V DC, 20 °C,
rel. humidity
≤ 65% and for 60 s
(minimum “as delivered” values)
100 000 M
Ω
30 000 s
Passive flammability category
In accordance with IEC 40 (CO) 752
B
Capacitance Tolerances
(measured at 1 kHz)
±10% (K), ±20% (M)
FK DC PM
March 2007
Please read Cautions and warnings and
Page 2 of 5
Important notes at the end of this document.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com