Electronic Components Datasheet Search
  English  ▼

X  

TC100PI Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # TC100PI
Description  Thermocouples Isolation Safety Barrier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TC100PI Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  TC100PI Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TC100PI Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TC100PI Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TC100PI Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TCx00PI
2013.07.01-A/2
Page 1 of 4
Thermocouples
Isolation
Safety
Barrier
TC100PI
(1 input & 1 output)
TC100PI-SP (1 input & 1 output)
TC600P
(1 input & 2 output)
TC600PI-SP (1 input & 2 output)
—— TCx00PI Series
PART NUMBER SYSTEM
TCx x xP I -SP
Programmable Symbol
Serial Number
Channel Type
Transducer Type
Surge protection symbol
RS485
FEATURES
● 3-port isolation (input, output and power
supply)
● High accuracy (0.1% F.S.)
(Accuracy decreases with the smaller
range)
● High linearity (0.1% F.S.)
● Isolation voltage
(Between Hazardous area and safe area:
2500VAC)
● Low temperature drift (35PPM/°C)
● Digital bus (RS485)
● Programmable input/ output
● Alarm indications
● High reliability(MTBF>1,000,000 hours)
● Surge protection
GENERAL DESCRIPTION
The
thermocouples
or
mV-level
signal
from
the
hazardous field is picked up by this product,
converted to
the standard current or voltage signal which is isolated with
the hazardous area and transmitted to the control cabinet,
PLC, DCS, display
meter etc.. The product is equipped
with cold junction compensation. Furthermore, it is armed
with RS485 digital bus interface, which makes network
configuration and the input or output configuration possible
in many application fields. It is an intelligent safety barrier,
and the type or range of the therm ocouples can be set
through the host computer, moreover,
cold
junction
compensation can work autom atically.
One independent power supply is required. Moreover,
within the product power supply, input and output are
mutually isolated.
Field devices connected and regions:
J, K, T, E, S, B thermocouple, millivolt signal sensor;
Zone 0, Zone 1, Zone 2, IIA, IIB, IIC, and hazardous area
of T4~T6.
SELECTION GUIDE
Description
TCx00PI-/
TCx00PI-SP-
Signal Type
Range
Minimum range
R
-40~+1700℃
600℃
S
-40~+1700℃
600℃
K
-150~+1370℃
120℃
J
-80~+900℃
100℃
T
-160~+390℃
100℃
B
320~+1820℃
780℃
E
-80~+700℃
500℃
Input Signal
mV
-60~+60mV
10mV
Current
4~20mA
Output Signal
Current
0~20mA
Note:
1. The initial setting of the product is signal type: mV, measurement range: -60~+60mV, minimum range: 10mV, current output: 4~20mA. Customers can choose signal type
and range, or program with the programming software. (W hich can be downloaded at www.mornsun.cn ).Modifying is also acceptable if there are special requirements.
2. If you need, you can get the isolator's USB adapter which P/N is T-02 free of charge.


Similar Part No. - TC100PI

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TC100PI-EX MORNSUN-TC100PI-EX Datasheet
380Kb / 4P
Thermocouples Isolation Safety Barrier
TC100PI-EX-SP MORNSUN-TC100PI-EX-SP Datasheet
390Kb / 4P
Thermocouples Isolation Safety Barrier
More results

Similar Description - TC100PI

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TH71 PHILIPS-TH71 Datasheet
132Kb / 5P
THERMOCOUPLES
December 1968
logo
Allen-Bradley
2031-A0023A ALLEN-BRADLEY-2031-A0023A Datasheet
254Kb / 20P
Safety Isolation System
logo
RHOPOINT COMPONENTS
26721 RHOPOINT-26721 Datasheet
99Kb / 1P
?쏶tikonTM??thermocouples
logo
MORNSUN Science& Techno...
TC100PI-EX MORNSUN-TC100PI-EX Datasheet
380Kb / 4P
Thermocouples Isolation Safety Barrier
TC100PI-EX-SP MORNSUN-TC100PI-EX-SP Datasheet
390Kb / 4P
Thermocouples Isolation Safety Barrier
TC100PW-EX MORNSUN-TC100PW-EX Datasheet
684Kb / 4P
PROGRAMMABLE THERMOCOUPIES ISOLATION SAFETY BARRIER
TD102-EX-485 MORNSUN-TD102-EX-485 Datasheet
564Kb / 4P
RS485竊뉶ull-duplex竊뎘nput isolation safety barrier
TR100PI-EX MORNSUN-TR100PI-EX Datasheet
527Kb / 4P
Thermoresistor Isolation Safety Barrier
TR100PW-EX MORNSUN-TR100PW-EX Datasheet
675Kb / 4P
ISOLATION SAFETY Barrier
TSF202-EX MORNSUN-TSF202-EX Datasheet
464Kb / 3P
Switch Output isolation safety barrier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com