Electronic Components Datasheet Search
  English  ▼

X  

TP210B Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # TP210B
Description  Isolated Transmitter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TP210B Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  TP210B Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TP210B Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TP210B Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TP210B Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Isolated Transmitter
TP210
2014.03.17-A/3
Page 1 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Active Precision, Wide Bandwidth Isolation Amplifier
FEATURES
3-port isolation (input, output and power supply)
High Accuracy Level (0.05% F.S.)
High Linearity (0.05% F.S.)
High Isolation (2.5kVDC/60s)
Ultra low Temperature Drift (25PPM/ )
℃
ESD(IEC/EN61000-4-2 Contact ±4KV
perf. Criteria B)
Industrial level
(Operating Temperature Range: -25~85 )
℃
High Reliability (MTBF>500 K hours)
TP210 series is a new high-precision isolation amplifiers. The power, signal and reliable isolation, it break ground loops and leakage
pathways, effective suppression of common mode noise. Internal module was Embedded an efficient micro power supply, it can Provide
power to Internal signal processing circuit and isolated power supply to the output and input of the external circuit。
TP210 series’ feature: Good Temperature Drift, Linearity and High-bandwidth.
The main application:
Signal isolation
Multi-channel data acquisition
Instrumentation amplifier
Current monitoring
Selection Guide
Part No.
Power Supply input (VDC)
Input Signal
Output Signal
Isolation Power Output
(VDC, no-load)
TP210
15
±10V
±10V
±15
TP210B
15
0~15V
0~15V
-6.5 / +18
Notes: Customization products are available if required.
Input Specifications
Item
Operating Conditions
Value
Input Power
Supply
Input voltage
(Nominal value of power supply input) ±5%
Static Current
Signal, power full load
About 50mA
Full Power Current
About 80mA
Input
Input signal
See selection guide
Input impedance
Differential Voltage
10M
≥Ω
Input
Max. Differential Voltage
TP210
±15V
TP210B
18V
Output Specifications
Item
Operating Conditions
Value
Output of Isolated
Power Supply
Output voltage
Power, current full load
(Nominal value) ±10%
Output current
TP210
10mA
≤
TP210B
5mA
≤
Ripple
Bandwidth 60MHz
Load Current 10mA
20mVpp
≤
Output
Output signal
See selection guide
Load capacity
2KΩ
Ripple & noise
Bandwidth 60MHz
20mVpp
≤
Transmission Specifications
Item
Operating Conditions
Value
Zero Offset
0.05%F.S.


Similar Part No. - TP210B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP210 ETC1-TP210 Datasheet
62Kb / 2P
1.5 WATT and DUAL OUTPUT DC-DC CONVERTERS
logo
Supertex, Inc
TP2104 SUTEX-TP2104 Datasheet
455Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP2104 SUTEX-TP2104 Datasheet
579Kb / 6P
P-Channel Enhancement Mode Vertical DMOS FETs
TP2104 SUTEX-TP2104 Datasheet
579Kb / 6P
P-Channel Enhancement Mode Vertical DMOS FETs
TP2104K1 SUTEX-TP2104K1 Datasheet
455Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
More results

Similar Description - TP210B

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
T5130AP MORNSUN-T5130AP Datasheet
196Kb / 3P
Isolated Transmitter
TA100PW MORNSUN-TA100PW Datasheet
345Kb / 5P
Isolated Transmitter
TF5134N MORNSUN-TF5134N Datasheet
179Kb / 4P
Isolated Transmitter
TM1130P MORNSUN-TM1130P Datasheet
312Kb / 3P
Isolated Transmitter
TM2130AP MORNSUN-TM2130AP Datasheet
320Kb / 3P
Isolated Transmitter
T6S60L-6.25 MORNSUN-T6S60L-6.25 Datasheet
325Kb / 3P
Isolated Transmitter
T1130DS MORNSUN-T1130DS Datasheet
341Kb / 4P
Isolated Transmitter
TS13AD-2 MORNSUN-TS13AD-2 Datasheet
208Kb / 3P
Isolated Transmitter
T1130P MORNSUN-T1130P Datasheet
226Kb / 4P
Isolated Transmitter
logo
Texas Instruments
UC1726 TI1-UC1726_12 Datasheet
350Kb / 7P
Isolated Drive Transmitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com