Electronic Components Datasheet Search
  English  ▼

X  

TM5630AP Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # TM5630AP
Description  Isolated Transmitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TM5630AP Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  TM5630AP Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TM5630AP Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TM5630AP Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Isolated Transmitter
TMxxxxAP Series
2014.03.18-A/1
Page 2 of3
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
General Specifications
Item
Operating Conditions
Value
Electric Isolation
Three-terminal isolation (signal input, signal output, input power supply)
Degree of Isolation
testing for 1 minute, leakage
current <1mA, humidity <70%
2.5KVDC
Insulation Resistance
100MΩ, 500VDC (signal input terminal, signal output terminal, power
supply terminal)
Operating Temperature
-25℃~+71℃
Transportation and Storage
Temperature
-50℃~+105℃
Application Environment
The presence of dust, fierce vibration, impulsion and corrosive gas may
cause damage to the product
Physical Specifications
Casing Material
WH8100-F [1]
Package
DIP24
Weight
10g(Typ.)
Cooling Method
Natural cooling
Application Precautions
1. Please read the instructions carefully before use; contact our technical support if you have any problem.
2. Do not use the product in hazardous areas.
3. Use DC power supply for the product and 220V AC power supply is prohibited.
4. Do not dismount and assemble the product without permission to avoid failure or malfunction of equipment.
After-sales service
1. Ex-factory inspection and quality control have been strictly conducted for the product; if there occurs abnormal operation or possibility
of failure of internal module, please contact the local representative or our technical support.
2. The warranty period for the product is 3 years as calculated from the date of delivery. If any quality problem occurs under normal use
within the warranty period, the product can be repaired or changed for free.
Applied circuit
See Application Notes for Isolated Transmitter for details.
Design Reference
1. Schematic diagram
12-
11+
1-
2+
23+
24-
Sin-
Sout+
Sin+
Sout-
Signal input
Power supply
Signal output
Current output
12-
11+
1-
3+
23+
24-
Sin-
Sout+
Sin+
Sout-
Signal input
Powe r supply
Signal output
Voltage output
2. Application circuit diagram
Signal output
Signal input
Power supply
-
-
24 23
16 15
13
14
11 12
1 2
3
Current output
Signal output
Signal input
Power supply
-
-
24 23
16 15
13
14
11 12
1 2
3
Voltage output
3. For more information please find the application notes on www.mornsun-power.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com